Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-WJB Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-WJB
Description  2.7 V LASER DIODE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-WJB Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-WJB Datasheet HTML 1Page - IC-Haus GmbH IC-WJB Datasheet HTML 2Page - IC-Haus GmbH IC-WJB Datasheet HTML 3Page - IC-Haus GmbH IC-WJB Datasheet HTML 4Page - IC-Haus GmbH IC-WJB Datasheet HTML 5Page - IC-Haus GmbH IC-WJB Datasheet HTML 6Page - IC-Haus GmbH IC-WJB Datasheet HTML 7Page - IC-Haus GmbH IC-WJB Datasheet HTML 8Page - IC-Haus GmbH IC-WJB Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
iC-WJB
2.7 V LASER DIODE DRIVER
Rev E1, Page 3/12
ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur; device operation is not guaranteed.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 VCC
Supply Voltage VCC
-0.3
6.5
V
G002 VCC
Reverse Voltage at VCC
T < 10 s
-3
V
G003 I(VCC)
Current in VCC
T < 10 s
-500
50
mA
G004 I(CI)
Current in CI
-4
4
mA
G005 V(KLD)
Voltage at KLD
IN = lo
0
9
V
G006 I(KLD)
Current in KLD
IN = hi
-4
400
mA
IN = lo
-4
4
mA
G007 I(AMD)
Current in AMD
-6
6
mA
G008 I(IN)
Current in IN
-10
2
mA
G009 I(ISET)
Current in ISET
-2
2
mA
G010 I(CWD)
Current in CWD
IN = lo
-2
2
mA
G011 Vd()
ESD Susceptibility at CWD, CI, ISET,
IN, AMD, KLD
HBM, 100 pF discharged through 1.5 kΩ
1
kV
G012 Tj
Junction Temperature
-40
150
°C
G013 Ts
Storage Temperature
-40
150
°C
THERMAL DATA
Operating Conditions: VCC = 2.7...6 V
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01
Ta
Operating Ambient Temperature Range
(extended temperature range on
request)
-25
90
°C
T02
Rthja
Thermal Resistance Chip to Ambient
surface mounted on PCB, without special
cooling
170
K/W
All voltages are referenced to ground unless otherwise stated.
All currents into the device pins are positive; all currents out of the device pins are negative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com