Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX623P Datasheet(PDF) 5 Page - CML Microcircuits

Part # FX623P
Description  Call Progress Tone Decoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX623P Datasheet(HTML) 5 Page - CML Microcircuits

  FX623P Datasheet HTML 1Page - CML Microcircuits FX623P Datasheet HTML 2Page - CML Microcircuits FX623P Datasheet HTML 3Page - CML Microcircuits FX623P Datasheet HTML 4Page - CML Microcircuits FX623P Datasheet HTML 5Page - CML Microcircuits FX623P Datasheet HTML 6Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Specification
Absolute Maximum Ratings
Exceeding the maximum rating can result in device damage. Operation of the device outside the operating limits
is not implied.
Supply voltage
-0.3 to 7.0V
Input voltage at any pin (ref V
SS
= 0V)
-0.3 to (V
DD
+ 0.3V)
Sink/source current (supply pins)
+/- 30mA
(other pins)
+/- 20mA
Total device dissipation @ T
AMB
25°C
800mW Max.
Derating
10mW/°C
Storage temperature range:
FX623P
-40°C to +85°C (plastic)
Operating Limits ......
Min.
Max.
Unit
Supply Voltage (V
DD)
3.0
5.5
V
at 25°C
Operating Temperature ......
-40
+85
°C
All device characteristics are measured under the following conditions unless otherwise specified:
V
DD
= 3.3V, T
OP
= -40 to +85 °C. Audio Level 0dB ref: = 775mVrms. Xtal/Clock Frequency = 3.579545MHz
Characteristics
See Note
Min.
Typ.
Max.
Unit
Static Values
Supply Current
-
0.6
1.0
mA
Input Logic “1”
0.7
-
-
%V
DD
Input Logic “0”
-
-
0.3
%V
DD
Output Logic “1”
0.8
-
-
%V
DD
Output Logic “0”
-
-
0.2
%V
DD
Impedance
CS and PURS Input
10.0
-
-
M
Ω
Hold Input
1
0.5
-
-
M
Ω
Signal Input
0.1
-
-
M
Ω
IRQ Output (logic “1”)
-
30.0
100
k
Ω
IRQ Output (logic “0”)
-
175
500
Ω
Q0 - Q3 & Data-Change Outputs (logic “1”)
-
0.7
2.0
k
Ω
Q0 - Q3 & Data-Change Outputs (logic “0”)
-
175
500
Ω
Q0 - Q3 & Data-Change Outputs (high Z)
1.0
-
-
M
Ω
Dynamic Values
Signal Input Range
2, 5
35.0
1,166
mVrms
Decode Bandedge Tolerance
3
-1.0
-
1.0
%
Xtal Inverter
Voltage Gain
20.0
-
-
V/V
Input Impedance
10.0
-
-
M
Ω
Output Impedance
-
-
160
k
Ω
Decoder Timing -
Figures 3 and 4
Power Up Reset Time
t
PURS
2.5
-
-
ms
Data 'E' Time
t
DE
31.0
-
-
ms
NOTONE to Tone Response Time
t
RESP
4
-
27.0
50.0
ms
Tone to NOTONE Response Time
t
NT
4
-
-
60.0
ms
Data to Data-Change Pulse Time
t
DC
0.625
-
1.15
ms
Data-Change Pulse Width
t
PUL
-
1.25
-
ms
Hold to Data-Change Rise Time
t
HOLD
63.0
-
-
µs
HOLD to Data-Change Fall Time
t
NORM
-
-
150
µs
IRQ Tone Response Time
t
RIRQ
-
29.0
52.0
ms
IRQ Reset Time
t
IR
-
-
250
ns
Data Access Time
t
ACS
-
-
250
ns
CS High to Output Tri-State Time
t
HIZ
-
-
100
ns
Notes
1. This pin has an on-chip 1.0M
Ω pullup resistor.
2. An a.c. coupled sine or squarewave.
3. See Table 1, Tone Decode Frequencies.
4. Delay between the change of input (Tone/NOTONE) and the change at the Q0 - Q3 outputs.
5. The signal input maximum value is determined by the formula V
DD/2.83.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com