Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX623P Datasheet(PDF) 2 Page - CML Microcircuits

Part # FX623P
Description  Call Progress Tone Decoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX623P Datasheet(HTML) 2 Page - CML Microcircuits

  FX623P Datasheet HTML 1Page - CML Microcircuits FX623P Datasheet HTML 2Page - CML Microcircuits FX623P Datasheet HTML 3Page - CML Microcircuits FX623P Datasheet HTML 4Page - CML Microcircuits FX623P Datasheet HTML 5Page - CML Microcircuits FX623P Datasheet HTML 6Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Pin Number
Function
FX623P
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Data Outputs: A 4-bit parallel data word, forming a HEX character representing the
decoded tone frequency. This word is output after a successful decode. Table 1 details the
Hex character output codes for the relevant decoded tone frequencies. Upon power-up this
output is set to ‘E
H’, but no Data Change pulse generated. These are tri-state outputs.
Q3:
Q2:
Q1:
Q0:
V
DD: Positive supply rail. A minimum supply voltage of 3.0 volts is required. Levels and voltages within
this decoder are dependent upon this supply.
Signal In: The composite audio input. Signals to this pin should be a.c. coupled. The d.c. bias of the
limiter section is set internally; this pin should not be loaded with any other circuitry.
No internal connection. Leave open circuit.
Xtal: The output of the on-chip clock oscillator inverter.
No internal connection. Leave open circuit.
Xtal/Clock: The input to the clock oscillator inverter. A 3.579545MHz Xtal or externally derived clock
should be connected here (see Figure 2).
V
SS: Negative supply rail (GND).
Hold: An input to control the Output Latch condition; employed in combination with the Data Change
output to facilitate, if required, Interrupt and/or handshake operations with a µProcessor.
With Hold placed “Low”, with a tone input, the Data Change output will be held “High” at the next data
change, and the current output code is locked in the Output Latches regardless of any changes to the
input signal.
The output code remains as held until this input is returned “High” (see Figure 3). Whilst this input is
“High” the output data, Q0 - Q3, cycles normally with the input audio.
This pin has an internal 1.0M
Ω pullup resistor.
PURS: Power-Up ReSet. To reset internal circuitry at power-up; a logic “1” level is required at this pin
for a duration of at least 2.5mS after the Xtal/Clock input and full V
DD levels are applied.
The component configuration shown in Figure 2 is recommended; for slow-rising power supplies the
time constant of components should be increased accordingly.
IRQ: Interrupt Request. An output for µProcessor operation; normally “High” this output is latched
“Low” when an internal data change occurs if the Chip Select input is “High”. This output is reset
(“High”) the when Chip Select line is taken “Low”.
To permit “wire-OR” connection with other peripherals, this output has a low-impedance when “Low”
and a high-impedance when “High”.
CS: Chip Select- A controlling function. When held “High” the Data Outputs Q0, Q1, Q2 and Q3 and
the Data Change output are disabled.
When taken “Low” the Data Outputs Q0, Q1, Q2 and Q3 and the Data Change output are enabled;
the Interrupt Request (IRQ) is reset (“High”) when CS is taken “Low”. See Figures 3 and 4.
Data Change: A positive-going pulse is generated at this output when the data changes (Tone or
NOTONE). New tone-data is presented to the Q0, Q1, Q2 and Q3 Data Outputs if the Hold input is set
“High”. This is a tri-state output.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com