Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR027150MR-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # AR027150MR-R
Description  Receiver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

AR027150MR-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  AR027150MR-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Receiver
AR027150MR-R
J.D.
B.R.
R.W.
4/2/2008
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
8/29/2006
Date
9/1/2006
Date
9/1/2006
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
AR027150MR-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
08/29/2006
A
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
04/02/2008
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED INPUT POWER
.015
W
MAX INPUT POWER
.030
W
IMPEDANCE
150 ± 15%
OHM
OUTPUT SPL @ .001W/1cm
(AT 1.0 kHz)
119 ± 3
dBA
DISTORTION (MAX.)
5%
-
RESONANT FREQUENCY
650 ± 20%
Hz
FREQUENCY RANGE
20 ~ 10,000
Hz
HOUSING MATERIAL
ABS
-
CONE MATERIAL
MYLAR
-
MAGNET MATERIAL
Nd-Fe-B
-
OPERATING TEMPERATURE
-20 ~ +55
°C
WEIGHT
5.2
grams
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
©2005, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
18
n`0.3
3.8
`0.2
8
`0.3
26.8
n`0.3


Similar Part No. - AR027150MR-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AR027150MR-2-R PUIAUDIO-AR027150MR-2-R Datasheet
269Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AR027150MR-R

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
537696 FESTO-537696 Datasheet
107Kb / 2P
Receiver
7/13/22
537709 FESTO-537709 Datasheet
92Kb / 2P
Receiver
7/13/22
537711 FESTO-537711 Datasheet
111Kb / 2P
Receiver
7/13/22
537712 FESTO-537712 Datasheet
107Kb / 2P
Receiver
7/13/22
logo
Renesas Technology Corp
NDL5522P RENESAS-NDL5522P Datasheet
204Kb / 10P
RECEIVER
1992
NDL5590P RENESAS-NDL5590P Datasheet
210Kb / 14P
RECEIVER
1995
NDL5592P RENESAS-NDL5592P Datasheet
201Kb / 10P
RECEIVER
1997
NR3315TA RENESAS-NR3315TA Datasheet
235Kb / 9P
RECEIVER
2009
NR3470MU-CC RENESAS-NR3470MU-CC Datasheet
213Kb / 10P
RECEIVER
2002
NR3510UR RENESAS-NR3510UR Datasheet
235Kb / 9P
RECEIVER
2003
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com