Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX802J Datasheet(PDF) 9 Page - CML Microcircuits

Part # FX802J
Description  DVSR CODEC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX802J Datasheet(HTML) 9 Page - CML Microcircuits

Back Button FX802J Datasheet HTML 5Page - CML Microcircuits FX802J Datasheet HTML 6Page - CML Microcircuits FX802J Datasheet HTML 7Page - CML Microcircuits FX802J Datasheet HTML 8Page - CML Microcircuits FX802J Datasheet HTML 9Page - CML Microcircuits FX802J Datasheet HTML 10Page - CML Microcircuits FX802J Datasheet HTML 11Page - CML Microcircuits FX802J Datasheet HTML 12Page - CML Microcircuits FX802J Datasheet HTML 13Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Encoder and Decoder Control
Analogue Input and Output Switching
The Control Register, Byte 0 – bits 0 to 5, are used, in conjunction with the codec Powersave Bit (Byte 1 – bit 3) to control codec
input/output conditions and sample rates. Figure 3 shows the codec functional situation.
AUDIO IN
VBIAS
AUDIO OUT
OUTPUT
BIAS
INPUT
BIAS
AUDIO
BYPASS
VBIAS
MOD
DEMOD
500k
Ω
(nom)
CVSD Codec
200k
Ω
(nom)
Fig.3 Analogue Control – with reference to Fig.1
Control Register
Circuit Switches
Codec
Decoder
Powersave
Control
Audio
Audio
Output
Bit
“5”
“4”
“3”
By-Pass
Out
Bias
0
000
OFF
ON
OFF
0
001
ON
OFF
OFF
0
010
OFF
OFF
OFF
0
011
OFF
ON
OFF
–
–––
–––
0
111
OFF
ON
OFF
1
000
OFF
OFF
ON
1
001
ON
OFF
OFF
1
010
OFF
OFF
ON
1
011
OFF
OFF
ON
–
–––
–––
1
111
OFF
OFF
ON
Encoder
Control
Input
“2”
“1”
“0”
Bias
0
000
ON
0
001
OFF
0
010
OFF
0
011
OFF
–
–––
–
0
111
OFF
1
000
ON
–
–––
–
1
111
ON
Table 5 Analogue Control – with reference to Fig.3
OFF
=
Switch Open
ON
=
Switch Closed
Note
1
1
2
Decoder ‘idling’ fed with “1010101
....” pattern at 32kb/s.
Decoder running at the selected
sampling rate.
Decoder circuits Powersaved
Encoder running at 32kb/s but
Encoder Data Output forced to ‘idle’
pattern “01010 ...”
Encoder running at selected
Sampling Rate
Encoder circuits Powersaved
Notes
1. If the Delta Codec is in the Direct Access mode, these
sampling rates will be as provided by the externally
applied clock.
2. The Input Bias switch is operated by the Control Register
Codec Powersave’ and ‘Encoder Control’ bits to provide a
relatively low impedance path for V
BIAS to charge the input
coupling capacitor whenever the codec is powersaved, or the
Encoder control bits are set to “0,” so that input bias can be
established quickly prior to operation.
Time Compression of Speech
The 25kb/s and 50kb/s sampling rate options are provided
for time compression (and subsequent expansion) of speech
signals.
For example, 1.0 second of speech stored at 50kb/s may
be transmitted in 0.8 seconds if played out at 64kb/s, and
finally restored to its original speed at the receiver by storing
at 64kb/s and playing out at 50kb/s. A similar result (with a
degraded SINAD) may be achieved by using 25kb/s and
32kb/s sampling rates.
However, the speech frequencies are raised by time
compression, and since the signal transmitted to air must be
band limited to 3400Hz, the effective end-to-end bandwidth
is 0.8 x 3400Hz, which is approximately 2700Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com