Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX802J Datasheet(PDF) 2 Page - CML Microcircuits

Part # FX802J
Description  DVSR CODEC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX802J Datasheet(HTML) 2 Page - CML Microcircuits

  FX802J Datasheet HTML 1Page - CML Microcircuits FX802J Datasheet HTML 2Page - CML Microcircuits FX802J Datasheet HTML 3Page - CML Microcircuits FX802J Datasheet HTML 4Page - CML Microcircuits FX802J Datasheet HTML 5Page - CML Microcircuits FX802J Datasheet HTML 6Page - CML Microcircuits FX802J Datasheet HTML 7Page - CML Microcircuits FX802J Datasheet HTML 8Page - CML Microcircuits FX802J Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Pin Number Function
FX802
J
1
2
3
4
5
6
7
8
9
10
11
12
13
14
FX802
LG/LS
1
2
3
4
5
6
7
8
9
10
11
12
Row Address Strobe 2 (RAS2): Should be connected to the Row Address Strobe input of the second
1Mbit DRAM chip (if fitted).
Row Address Strobe 1 (RAS1): Should be connected to the Row Address Strobe input of the first
DRAM chip.
Write Enable (WE): The DRAM Read/Write control pin.
Xtal: The output of the on-chip clock oscillator. External components are required at this output when
a Xtal is employed. A Xtal cannot be used with the 24-pin version.
Xtal/Clock: The input to the on-chip clock oscillator inverter. A 4.0MHz Xtal or externally derived clock
should be connected here, see Figure 2. This clock provides timing for on-chip elements, filters etc. A
Xtal cannot be used with the 24-pin version. Various Xtal frequencies can be used with this device, see
Table 3 for the sampling clock rate variations.
Interrupt Request (IRQ): The output of this pin indicates an interrupt condition to the
µController, by
going to a logic “0.” This is a “wire-or able” output, enabling the connection of up to 8 peripherals to 1
interrupt port on the
µController. The pin has a low-impedance pulldown to logic “0” when active and a
high impedance when inactive.
Conditions indicated by this function are:
Power Reading Ready, Play Command Complete, Store Command Complete.
Serial Clock: The “C-BUS,” serial clock input. This clock, produced by the
µController, is used for
transfer timing of commands and data to and from the DVSR Codec. See Timing Diagrams and
System Support Document, Document 2. The clock-rate requirements vary for differing FX802
functions.
Command Data: The “C-BUS,” serial data input from the
µController. Data is loaded to this device in
8-bit bytes, MSB (B7) first, and LSB (B0) last, synchronized to the Serial Clock. See Timing Diagrams
and System Support Document, Document 2.
Chip Select (CS): The “C-BUS”, data transfer control function, this input is provided by the
µController. Command Data transfer sequences are initiated, completed or aborted by the CS signal.
See Timing Diagrams and System Support Document, Document 2.
Reply Data: The “C-BUS,” serial data output to the
µController. The transmission of Reply Data bytes
is synchronized to the Serial Data Clock under the control of the Chip Select input. This 3-state output
is held at high impedance when not sending data to the
µController. See Timing Diagrams and System
Support Document, Document 2.
V
BIAS:
The output of the on-chip analogue circuitry bias system, held internally at V
DD/2. This pin should
be decoupled to V
SS by a capacitor C1, See Figure 2.
Audio Out: The analogue signal output.
Audio In: The audio (speech) input. The signal to this pin must be a.c. coupled by a capacitor C
4 and
decoupled to V
SS by an HF bypass capacitor C6. For optimum noise performance this input should be
driven from a source impedance of less than 100
Ω.
V
SS:
Negative supply rail (GND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com