Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX802LG Datasheet(PDF) 6 Page - CML Microcircuits

Part # FX802LG
Description  DVSR CODEC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX802LG Datasheet(HTML) 6 Page - CML Microcircuits

Back Button FX802LG Datasheet HTML 2Page - CML Microcircuits FX802LG Datasheet HTML 3Page - CML Microcircuits FX802LG Datasheet HTML 4Page - CML Microcircuits FX802LG Datasheet HTML 5Page - CML Microcircuits FX802LG Datasheet HTML 6Page - CML Microcircuits FX802LG Datasheet HTML 7Page - CML Microcircuits FX802LG Datasheet HTML 8Page - CML Microcircuits FX802LG Datasheet HTML 9Page - CML Microcircuits FX802LG Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Store and Play Speech
Speech Store Commands
62
H
STORE ‘N’ PAGES – START PAGE ‘X’
(immediate).
63
H
STORE ‘N’ PAGES – START PAGE ‘X’
(buffered).
The digitised speech from the Delta Encoder is stored
in consecutive DRAM locations with the Speech Store
Counters sequencing through the DRAM addresses and
counting the number of complete ‘pages’ stored since the
start of execution of the command.
As soon as the command has terminated the following
events take place:
(1)
The “Store Command Complete” bit in the Status
Register (Table 6) is set.
(2)
An “Interrupt Request” (IRQ) is sent (if enabled) to
the
µC.
(3)
The next Speech Store command (if present) is
immediately taken from the Store Command
Buffer and execution of the new command
commences.
Speech Playback is controlled by similar commands:
64
H
PLAY ‘N’ PAGES – START PAGE ‘X’
(immediate).
65
H
PLAY ‘N’ PAGES – START PAGE ‘X’
(buffered).
using the Speech Play Counters and Play Command
Buffer.
As soon as the Play Command has completed, the
“Play Command Complete” bit in the Status Register is
set and an Interrupt Request generated (if enabled).
If no 'next' command is waiting in the Play Command
Buffer when a speech Play command finishes,
a continuous idle code (0101.....0101) will be fed to the
Delta Decoder.
Speech “data” is stored or recovered at the selected
Encode or Decode sample rate (Table 3).
Store or Play Command Complete bits in the Status
Register are cleared by the next Store or Play command
received from the
µC, or by a General Reset command.
The IRQ output is cleared by reading the Status Register.
61
H
READ STATUS REGISTER
(Table 6).
To provide continuity of speech commands, both Store
and Play commands can be presented to the FX802 in
one of two formats;
Immediate or Buffered.
An
Immediate command will be started on completion
of its loading, irrespective of the condition of the current
command.
A
Buffered command will be acted upon on the
completion of the current Store or Play command, unless
Speech Synchronization Bits (Control Register) are set.
Buffering of commands lets the DVSR Codec execute
a series of commands without intervening gaps, even
though the
µController may take several milliseconds to
respond to each “Command Complete” Interrupt
Request.
In either case, the Store or Play Command Complete
bit of the Status Register will be cleared.
Store/Play Speech Synchronization – (Table 4)
This facility is provided, primarily, for Time Domain
Scrambling applications.
Speech Synchronization bits in the Control Register
will produce the effects described below:
No Speech Sync Set; Store and Play operations may
take place completely independently.
Store after Play; The next “buffered” Store command
will start
on completion of a Play operation, whilst the
next Play command (if any) sequence continues
normally.
Play after Store; The next “buffered” Play command will
start
on completion of a Store operation, whilst the next
Store command (if any) sequence continues normally.
These actions will continue whilst ‘Speech Sync’ bits
remain set.
Controlling Protocol ......
DRAM
Available
“Speech
Nominal Sample Rates (kbits/s)
Size
Bits
Pages”
16
25
32
50
64
256kbits
262144
256
16.0
10.0
8.0
5.0
4.0
1024k
1048576
1024
65.0
42.0
32.0
20.0
16.0
2Mbits
2097152
2048
131.0
84.0
65.0
42.0
32.0
3M
3145728
3072
196.0
126.0
98.0
63.0
49.0
4M
4194304
4096
262.0
168.0
131.0
84.0
65.5
Store and Play Times (seconds)
Table 2 Sampling Clock Rates vs Speech Storage/Playback Times
DRAM Speech Capacity
28-pin/lead versions of the FX802 may be used with a single 256kbit DRAM or with up to 4 x 1Mbit DRAM.
24-pin/lead versions may only be used with a single 256kbit or 1Mbit DRAM. The different Encode and Decode
sampling clock rates available enable the user to set voice store and play times against recovered speech quality.
Table 2 gives information on storage capacity and Store/Playback times. Speech data can be replayed at a different
sample rate or in a reverse sequence, see Control Register for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com