Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX802LG Datasheet(PDF) 11 Page - CML Microcircuits

Part # FX802LG
Description  DVSR CODEC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX802LG Datasheet(HTML) 11 Page - CML Microcircuits

Back Button FX802LG Datasheet HTML 6Page - CML Microcircuits FX802LG Datasheet HTML 7Page - CML Microcircuits FX802LG Datasheet HTML 8Page - CML Microcircuits FX802LG Datasheet HTML 9Page - CML Microcircuits FX802LG Datasheet HTML 10Page - CML Microcircuits FX802LG Datasheet HTML 11Page - CML Microcircuits FX802LG Datasheet HTML 12Page - CML Microcircuits FX802LG Datasheet HTML 13Page - CML Microcircuits FX802LG Datasheet HTML 14Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Timing Information
Fig.6 Codec Direct Access Timing
NOT TO SCALE
DECODER TIMING
ENCODER CLOCK
ENCODER DATA
BITS OUT
t
PCO
t
CH
t
CL
DECODER CLOCK
DECODER DATA
BITS IN
t
CH
t
CL
ENCODER TIMING
t
SU
Data True Time
t H
Data Clocked
Data Clocked
Fig.5 “C-BUS” Timing Information
NOT TO SCALE
Direct Access Timing – Figure 6
Parameter
Min.
Typ
Max.
Unit
t
CH
1.0
–
–
µs
t
CL
1.0
–
–
µs
t
SU
450
–
–
ns
t
H
600
–
–
ns
t
PCO
–
–
750
ns
t
SU + tH
= Data True Time
“C-BUS” Timing – Figure 5
Parameter
Min.
Max.
Unit
abc
t
CSE
2.0
4.0
8.0
–
µs
t
CSH
4.0
4.0
8.0
–
µs
t
HIZ
–––
2.0
µs
t
CSOFF
2.0
4.0
8.0
–
µs
t
NXT
4.0
8.0
16.0
–
µs
t
CK
2.0
4.0
8.0
–
µs
Notes
(1)
Minimum Timing Values
(a)
For all commands except “Read Data” and “Write Data” commands.
(b)
For “Read Data” and “Write Data” commands when no “Speech Store” or “Speech Play” commands are active.
(c)
For “Read Data” and “Write Data” commands when “Speech Store” or “Speech Play” commands are active.
(2)
Depending on the command, 1 or 2 bytes of Command Data are transmitted to the peripheral MSB (bit7) first, LSB
(bit0) last. Reply Data is read from the peripheral MSB (bit7) first, LSB (bit0) last.
(3)
To allow for differing
µController serial interface formats “C-BUS” compatible ICs are able to work with either polarity
Serial Clock pulses.
(4)
Data sent from the
µController is clocked into the FX802 on the rising edge of the Serial Clock pulses. Reply Data
sent from the FX802 to the
µController is clocked into the µController when the Serial Clock is “high.”
(5)
Loaded commands are acted upon at the end of each command.
Direct Access
SERIAL CLOCK
COMMAND DATA
t
CSE
t NXT
t
CSOFF
t CSH
t
HIZ
ADDRESS/COMMAND
BYTE
FIRST DATA BYTE
LAST DATA BYTE
7
6
5
4321
0
7
65
4321
0
7
6
5
4
321
0
76
5
4
321
0
MSB
LSB
CHIP SELECT
LAST REPLY DATA BYTE
t
CK
REPLY DATA
MSB
LSB
FIRST REPLY DATA BYTE
Logic level is not important
76
5
4321
0
t
NXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com