Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX802LS Datasheet(PDF) 5 Page - CML Microcircuits

Part # FX802LS
Description  DVSR CODEC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX802LS Datasheet(HTML) 5 Page - CML Microcircuits

  FX802LS Datasheet HTML 1Page - CML Microcircuits FX802LS Datasheet HTML 2Page - CML Microcircuits FX802LS Datasheet HTML 3Page - CML Microcircuits FX802LS Datasheet HTML 4Page - CML Microcircuits FX802LS Datasheet HTML 5Page - CML Microcircuits FX802LS Datasheet HTML 6Page - CML Microcircuits FX802LS Datasheet HTML 7Page - CML Microcircuits FX802LS Datasheet HTML 8Page - CML Microcircuits FX802LS Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
Controlling Protocol
Control of the functions of the FX802 DVSR Codec is by a group of Address/Commands (A/Cs) and appended instructions or
data to and from the system
µController (see Figure 5). The use and content of these instructions is detailed in the following
paragraphs and tables.
MSB
Byte 1
Byte 0
LSB
15 14 13 12 11 10 9876543210
‘N’
‘X’
Address/Commands
Instruction and data transactions to and from this device
consist of an Address/Command (A/C) byte followed by
either:
(i)
a further instruction or data, or
(ii) a Status or data Reply.
Control and configuration is by writing instructions from the
µController to the Control Register (60
H).
Reporting of FX802 configurations is by reading the Status
Register (61
H). Instructions and data are transferred, via
“C-BUS,” in accordance with the timing information given in
Figures 5 and 6.
A complete list of DBS 800 “C-BUS” Address locations is
published in the System Support Document.
Operation with DRAM
The FX802 can operate with up to 4Mbits of DRAM. When
used with DRAM the DVSR Codec performs four main
functions under the control of commands received over the
“C-BUS” interface from the
µController:
Stores Speech by digitally encoding the analogue input
signal and writing the resulting digital data into the
associated Dynamic RAM (DRAM).
Plays stored speech by reading the digital data stored in the
DRAM and decoding it to provide an analogue output
signal.
Writes data sent over the “C-BUS” from the
µController to
DRAM.
Reads data from DRAM, sending it to the
µC over the
“C-BUS”.
‘Data’ is directed to and from DRAM by the on-chip DRAM
Controller.
Speech
The delta encoder and decoder sampling rates are
independently set, via the Control Register (Table 4), to
(nominally) 16, 25, 32, 50 or 64kbits/s (see Tables 2 and 3),
allowing the user to choose between speech-quality and
storage-time, whilst providing for time-compression or
expansion of the speech signals.
The DVSR Codec can handle from 256kbits to 4Mbits of
DRAM, giving, in the case of 32kbit/s sampling rate, from 8
to 131 seconds of speech storage.
For speech storage purposes, the memory is divided into
'pages' of 1024 bits each, corresponding to 32ms at a
32kbit/s sampling rate.
A 256kbit DRAM contains
256 pages.
A 1Mbit DRAM contains
1024 pages.
4Mbit of DRAM contains
4096 pages.
The Delta Codec may be used without DRAM, when the
decoder sampling rate (8 to 64 kbits/s) is determined by an
external clock source applied to the Decoder Clock pin.
Store and Play Speech Commands
Speech storage and playback may take place
simultaneously.
These commands are transmitted, via “C-BUS,” to the
FX802, in the form:
STORE or PLAY ‘N’ (1024-bit) pages (of encoded
speech data) starting at page ‘X.’
‘N’ is any number from 1 to 16 (pages) and ‘X’ from (page) 0
to 4095 (4Mbit DRAM), as illustrated below.
Preceded by the A/C, this command writes 16-bits (byte 1
(first) and byte 0) of data from the
µC to the FX802 Store or
Play Command Buffer.
Command
Address/Command (A/C) Byte
+
Data
Assignment
Hex.
Binary
Byte/s
MSB
LSB
General Reset
01
0
0
0
00001
Write to Control Register
60
0
1
1
00000
+
2 byte Instruction to Control Register
Read Status Register
61
0
1
1
00001
+
1 byte Reply from Status Register
Store ‘N’ pages. Start page ‘X’
62
0
1
1
00010
+
2 bytes Command – Immediate
Store ‘N’ pages. Start page ‘X’
63
0
1
1
00011
+
2 bytes Command – Buffered
Play ‘N’ pages. Start page ‘X’
64
0
1
1
00100
+
2 bytes Command – Immediate
Play ‘N’ pages. Start page ‘X’
65
0
1
1
00101
+
2 bytes Command – Buffered
Write Data. Start page ‘P’
66
0
1
1
00110
+
2 bytes ‘P’ + Write data
Read Data. Start page ‘P’
67
0
1
1
00111
+
2 bytes ‘P’ + Read data
Write Data – Continue
68
0
1
1
01000
+
Write data
Read Data – Continue
69
0
1
1
01001
+
Read data
Table 1 “C-BUS” Address/Commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com