Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX802LS Datasheet(PDF) 14 Page - CML Microcircuits

Part # FX802LS
Description  DVSR CODEC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX802LS Datasheet(HTML) 14 Page - CML Microcircuits

Back Button FX802LS Datasheet HTML 6Page - CML Microcircuits FX802LS Datasheet HTML 7Page - CML Microcircuits FX802LS Datasheet HTML 8Page - CML Microcircuits FX802LS Datasheet HTML 9Page - CML Microcircuits FX802LS Datasheet HTML 10Page - CML Microcircuits FX802LS Datasheet HTML 11Page - CML Microcircuits FX802LS Datasheet HTML 12Page - CML Microcircuits FX802LS Datasheet HTML 13Page - CML Microcircuits FX802LS Datasheet HTML 14Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Handling Precautions
The FX802 is a CMOS LSI circuit which includes input
protection. However precautions should be taken to
prevent static discharges which may cause damage.
CML does not assume any responsibility for the use of any circuitry described. No circuit patent licences are implied
and CML reserves the right at any time without notice to change the said circuitry.
Ordering Information
FX802J
28-pin cerdip DIL
(J5)
FX802LG
24-pin encapsulated bent and
cropped
(L1)
FX802LS
24-lead plastic leaded chip
carrier
(L2)
Package Outlines
The FX802 is available in the package styles outlined
below. Mechanical package diagrams and specifications
are detailed in Section 10 of this document.
Pin 1 identification marking is shown on the relevant
diagram and pins on all package styles number
anti-clockwise when viewed from the top.
NOT TO SCALE
Max. Body Length
10.25mm
Max. Body Width
10.25mm
FX802LG
24-pin quad plastic encapsulated
bent and cropped
(L1)
FX802J
28-pin cerdip DIL
(J5)
FX802LS
24-lead plastic leaded chip carrier
(L2)
NOT TO SCALE
Max. Body Length
37.05mm
Max. Body Width
13.36mm
NOT TO SCALE
Max. Body Length
10.40mm
Max. Body Width
10.40mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com