Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX828 Datasheet(PDF) 30 Page - CML Microcircuits

Part # FX828
Description  CTCSS/DCS/SELCALL Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX828 Datasheet(HTML) 30 Page - CML Microcircuits

Back Button FX828 Datasheet HTML 26Page - CML Microcircuits FX828 Datasheet HTML 27Page - CML Microcircuits FX828 Datasheet HTML 28Page - CML Microcircuits FX828 Datasheet HTML 29Page - CML Microcircuits FX828 Datasheet HTML 30Page - CML Microcircuits FX828 Datasheet HTML 31Page - CML Microcircuits FX828 Datasheet HTML 32Page - CML Microcircuits FX828 Datasheet HTML 33Page - CML Microcircuits FX828 Datasheet HTML 34Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
CTCSS/DCS/SELCALL Processor
FX828
© 2009 CML Microsystems Plc
30
D/828/4
Notes
Min.
Typ.
Max.
Units
Transmitter Modulator Drives:
Mod.1 Attenuator
Attenuation (at 0dB)
-0.3
0
0.2
dB
Cumulative Attenuation Error
(wrt attenuation at 0dB)
-1.0
-
1.0
dB
Output Impedance
3
-
600
-
Ω
Input Impedance (at 100Hz)
-
15.0
-
k
Ω
Mod.2 Attenuator
Attenuation (at 0dB)
-0.3
0
0.2
dB
Cumulative Attenuation Error
(wrt attenuation at 0dB)
-0.6
-
0.6
dB
Output Impedance
3
-
600
-
Ω
General Purpose Timer
Timing Period Range
1
-
255
ms
Count Interval
-
1
-
ms
Xtal/Clock Input
Pulse Width ('High' or 'Low')
4
40.0
-
-
ns
Input Impedance (at 100Hz)
10.0
-
-
M
Ω
Gain (I/P = 1mVrms at 100Hz)
20.0
-
-
dB
DAC
Range
1
312.5
-
2500
mV
Step Size
1
-
312.5
-
mV
Step Accuracy
1
-30.0
-
+30.0
mV
Input Impedance (COMPIN)
-
10
-
M
Ω
Output Impedance (COMPOUT)
-
1
-
k
Ω
Notes:
1.
At VDD = 5.0V only. Signal levels or currents are proportional to VDD.
2.
At Tamb = 25°C, not including any current drawn from the device pins by external
circuitry.
3.
Small signal impedance, at VDD = 5.0V and Tamb = 25°C.
4.
Timing for an external input to the XTAL/CLOCK pin.
5.
With input gain components set as recommended in Figure 2.
6.
IRQN pin.
7.
From one tone to another tone.
8.
See filter response (Figure 3).
9.
Measured at MOD1 or MOD2 output.
10. SUBAUDIO, SELCALL and DCS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com