Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX828 Datasheet(PDF) 13 Page - CML Microcircuits

Part # FX828
Description  CTCSS/DCS/SELCALL Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX828 Datasheet(HTML) 13 Page - CML Microcircuits

Back Button FX828 Datasheet HTML 9Page - CML Microcircuits FX828 Datasheet HTML 10Page - CML Microcircuits FX828 Datasheet HTML 11Page - CML Microcircuits FX828 Datasheet HTML 12Page - CML Microcircuits FX828 Datasheet HTML 13Page - CML Microcircuits FX828 Datasheet HTML 14Page - CML Microcircuits FX828 Datasheet HTML 15Page - CML Microcircuits FX828 Datasheet HTML 16Page - CML Microcircuits FX828 Datasheet HTML 17Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
CTCSS/DCS/SELCALL Processor
FX828
© 2009 CML Microsystems Plc
13
D/828/4
When the internal register has reached a count of zero, the action of the timer depends on the setting of
the TIMER RE-CYCLE bit in the GENERAL CONTROL Register (Hex address $88). If the TIMER RE-
CYCLE bit is "1" then the timer will re-load the countdown value from the GENERAL PURPOSE TIMER
Register and restart the countdown from this value. If the TIME RE-CYCLE bit is "0" then the timer will
stop and no further action or timer interrupts will take place until the GENERAL PURPOSE TIMER
Register is re-loaded. Loading the GENERAL PURPOSE TIMER with "0" will cause the timer circuitry to
be disabled (i.e. powersaved).
IRQ MASK Register (Hex address $8E)
This register is used to control the interrupts (IRQs) as described below:
(Bits 7 and 1)
Reserved for future use. These should be set to "0".
GPT IRQ MASK
(Bit 6)
When this bit is set to "1" it enables an interrupt that occurs when GPT
IRQ FLAG (Bit 6, IRQ FLAG Register, $8F) changes from "0" to "1".
When this bit is "0" the interrupt is masked.
COMP 0 to 1
IRQ MASK
(Bit 5)
When this bit is set to "1" it enables an interrupt that occurs when the
comparator output goes from "0" to "1". When this bit is set to "0" the
interrupt is masked.
COMP 1 to 0
IRQ MASK
(Bit 4)
When this bit is set to "1" it enables an interrupt that occurs when the
comparator output goes from "1" to "0". When this bit is set to "0" the
interrupt is masked.
TONE IRQ MASK
(Bit 3)
When this bit is set to "1" it enables an interrupt that occurs when the
TONE IRQ FLAG (Bit 3, IRQ FLAG Register, $8F) changes from "0" to "1".
When this bit is "0" the interrupt is masked.
CTCSS FAST IRQ
MASK
(Bit 2)
When this bit is set to "1" it enables an interrupt that occurs when the
CTCSS FAST IRQ FLAG (Bit 2, IRQ FLAG Register, $8F) changes from
"0" to "1". When this bit is "0" the interrupt is masked.
DCS IRQ MASK
(Bit 0)
When this bit is set to "1" it enables an interrupt that occurs when the DCS
DECODE/NO DECODE FLAG (Bit 7, SELCALL & SUB-AUDIO STATUS
Register $81) changes state. When this bit is set to "0" the interrupt is
masked.
CTCSS TX/FAST RX FREQUENCY Register (Hex address $83)
This is a 16-bit register. Byte (1) is sent first. When the CTCSS fast detector is enabled, the bits 0 to 12
define the receive frequency the fast predictive detector is looking for according to the formula below.
When the CTCSS transmitter is enabled, the bits 0 to 12 control the frequency of the transmitted CTCSS
tones according to the formula below.
When the fast detector and the transmitter are both enabled, the bits 0 to 12 define the receive frequency
the fast predictive detector is looking for and the frequency of the transmitted tone according to the
formula below (i.e. Tx tone = predictive tone).
A
f
(Hz)
16 x f
(Hz)
XTAL
TONE
=
where A is the binary number programmed into the 13 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com