Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX829 Datasheet(PDF) 13 Page - CML Microcircuits

Part # FX829
Description  Baseband Signal Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX829 Datasheet(HTML) 13 Page - CML Microcircuits

Back Button FX829 Datasheet HTML 9Page - CML Microcircuits FX829 Datasheet HTML 10Page - CML Microcircuits FX829 Datasheet HTML 11Page - CML Microcircuits FX829 Datasheet HTML 12Page - CML Microcircuits FX829 Datasheet HTML 13Page - CML Microcircuits FX829 Datasheet HTML 14Page - CML Microcircuits FX829 Datasheet HTML 15Page - CML Microcircuits FX829 Datasheet HTML 16Page - CML Microcircuits FX829 Datasheet HTML 17Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Baseband Signal Processor
FX829
© 1997 Consumer Microcircuits Limited
13
D/829/4
DTMFEN
(Bit 6)
When this bit is "1", the DTMF output is enabled.
When this bit is "0", the DTMF output is disabled. As the powersave of the DTMF
is performed in the DTMFHI and DTMFLO registers, this bit allows a fast start up
time for the tones.
Note:
1.
The DTMF Encoder and FFSK Tx cannot both be enabled at the same time.
If both DTMFEN and FFSKTX are "1", then they will both be disabled.
DTMFHI
(Bit 5)
When this bit is "1", the DTMF high frequency tone generator is enabled. It will not
appear on the output pin unless or until the DTMFEN is "1".
When this bit is "0", the DTMF high frequency tone generator is disabled (i.e.
powersaved).
DTMFLO
(Bit 4)
When this bit is "1", the DTMF low frequency tone generator is enabled. It will not
appear on the output pin unless or until the DTMFEN is "1".
When this bit is "0", the DTMF low frequency tone generator is disabled (i.e.
powersaved).
DTMF3, DTMF2,
DTMF1, DTMF0
(Bit 3, Bit 2,
Bit 1, Bit 0)
These four bits define the DTMF tones according to the table below:
Bit
3
Bit
2
Bit
1
Bit
0
DTMF
Tones
DTMF
'Digit'
0
0
0
0
1209Hz + 697Hz
1
0
0
0
1
1209Hz + 770Hz
4
0
0
1
0
1209Hz + 852Hz
7
0
0
1
1
1209Hz + 941Hz
*
0
1
0
0
1337Hz + 697Hz
2
0
1
0
1
1337Hz + 770Hz
5
0
1
1
0
1337Hz + 852Hz
8
0
1
1
1
1337Hz + 941Hz
0
1
0
0
0
1478Hz + 697Hz
3
1
0
0
1
1478Hz + 770Hz
6
1
0
1
0
1478Hz + 852Hz
9
1
0
1
1
1478Hz + 941Hz
#
1
1
0
0
1634Hz + 697Hz
A
1
1
0
1
1634Hz + 770Hz
B
1
1
1
0
1634Hz + 852Hz
C
1
1
1
1
1634Hz + 941Hz
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com