Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX829 Datasheet(PDF) 19 Page - CML Microcircuits

Part # FX829
Description  Baseband Signal Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX829 Datasheet(HTML) 19 Page - CML Microcircuits

Back Button FX829 Datasheet HTML 15Page - CML Microcircuits FX829 Datasheet HTML 16Page - CML Microcircuits FX829 Datasheet HTML 17Page - CML Microcircuits FX829 Datasheet HTML 18Page - CML Microcircuits FX829 Datasheet HTML 19Page - CML Microcircuits FX829 Datasheet HTML 20Page - CML Microcircuits FX829 Datasheet HTML 21Page - CML Microcircuits FX829 Datasheet HTML 22Page - CML Microcircuits FX829 Datasheet HTML 23Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Baseband Signal Processor
FX829
© 1997 Consumer Microcircuits Limited
19
D/829/4
Checking
The checksum checker performs two tasks:
It takes the first n-1 bits of a received (n = 8m + 16 bits) message, inverts bit n-1, and divides them
modulo-2, by the generating polynomial:
X15 + X14 + X13 + X11 + X4 + X2 + 1
The 15 bits remaining in the polynomial divider are checked for all zero.
Secondly, it generates an EVEN parity bit from the first n-1 bits of a received message and compares
this bit with the received parity bit (bit n). See Figure 6.
If the 15 bits in the polynomial divider are all zero, and the two parity bits are equal, then the RXSUMF
bit (STATUS register bit 6) is set. This is updated and latched every 8 bits, starting at the bit
immediately after the initialisation of the bit counter. This initialisation takes place on detection of
frame synchronisation, i.e. the matching of received data to the SYNC, SYNT or RX SYNC WORD.
Note that the checksum is calculated on the received data before it is double buffered (see Figure 4).
n = the number of bits in the received message
m = the number of bytes of transmitted data, excluding checksum
Figure 6 Checksum Checking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com