Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX829P4 Datasheet(PDF) 18 Page - CML Microcircuits

Part # FX829P4
Description  Baseband Signal Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX829P4 Datasheet(HTML) 18 Page - CML Microcircuits

Back Button FX829P4 Datasheet HTML 14Page - CML Microcircuits FX829P4 Datasheet HTML 15Page - CML Microcircuits FX829P4 Datasheet HTML 16Page - CML Microcircuits FX829P4 Datasheet HTML 17Page - CML Microcircuits FX829P4 Datasheet HTML 18Page - CML Microcircuits FX829P4 Datasheet HTML 19Page - CML Microcircuits FX829P4 Datasheet HTML 20Page - CML Microcircuits FX829P4 Datasheet HTML 21Page - CML Microcircuits FX829P4 Datasheet HTML 22Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Baseband Signal Processor
FX829
© 1997 Consumer Microcircuits Limited
18
D/829/4
SYNCF
(Bit 0)
This bit is only defined when SYNC PRIME is enabled.
When the data sequence specified by SYNC has been successfully matched to the
Rx incoming data, this bit will be set to "1".
This bit is reset to "0" immediately after reading the STATUS register. When this
bit is set to "1", an interrupt will be generated, the checksum generator and byte
counter will be reset and SYNC PRIME, SYNT PRIME and RX SYNC WORD
PRIME will be reset.
RXDATA Register (Hex address $42)
This register contains the last byte of data received. It is updated every 8 bits at the same time as the
RXSUMF bit in the STATUS register is updated.
The RXDATA register is double buffered, thus giving the user up to 8 bit periods to read the data before it is
overwritten by the next byte.
1.5.2
FFSK Checksum Generation and Checking
Generation
The checksum generator takes the m x 8 bits from the m bytes of information, sequentially loaded into
the TXDATA register and divides them modulo-2, by the generating polynomial:
X15 + X14 + X13 + X11 + X4 + X2 + 1
It then takes the 15-bit remainder from the polynomial divider, inverts the last bit and appends an
EVEN parity bit generated from the initial m x 8 bits and the 15-bit remainder (with the last bit
inverted).
This 16-bit word is used as the "CHECKSUM". See Figure 5.
(m = the number of bytes in the information to be sent)
Figure 5 Checksum Generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com