Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX829P4 Datasheet(PDF) 21 Page - CML Microcircuits

Part # FX829P4
Description  Baseband Signal Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX829P4 Datasheet(HTML) 21 Page - CML Microcircuits

Back Button FX829P4 Datasheet HTML 17Page - CML Microcircuits FX829P4 Datasheet HTML 18Page - CML Microcircuits FX829P4 Datasheet HTML 19Page - CML Microcircuits FX829P4 Datasheet HTML 20Page - CML Microcircuits FX829P4 Datasheet HTML 21Page - CML Microcircuits FX829P4 Datasheet HTML 22Page - CML Microcircuits FX829P4 Datasheet HTML 23Page - CML Microcircuits FX829P4 Datasheet HTML 24Page - CML Microcircuits FX829P4 Datasheet HTML 25Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Baseband Signal Processor
FX829
© 1997 Consumer Microcircuits Limited
21
D/829/4
The FX829 should be programmed in the following manner:
1.
Perform a General Reset when first applying power to the FX829.
2.
Program the FX829 configuration whilst in powersave.
e.g.
UK/F, MIC, B/W, 1200/2400, DTMF0-3,
DTMFHI, DTMFLO, TXIDLEM, RXDATAM, TXDATAM,
RX SYNC WORD PRIME, SYNT PRIME, SYNC PRIME,
MOD1, MOD2, RX SYNC WORD and AUDIO ATTENUATOR.
3.
Take the appropriate parts of the FX829 out of powersave by enabling:
AMP1, AMP2, MOD1, MOD2, AUDIO and (DTMFEN or FFSKTX or FFSKRX).
4.
In DTMF Tx mode, a DTMF tone will be generated for the duration that DTMFEN is set to “1”.
5.
In FFSK Rx mode, wait for an interrupt (IRQN = “0”) or poll the STATUS register. Remember
that all status flags are reset after reading the STATUS register.
(a) If
RXSYNCWORDF,
SYNTF
or
SYNCF
become
set
to
“1”,
the
corresponding
synchronisation word has been detected. This indicates the start of valid Rx data.
The
checksum calculation will be automatically reset. Note that the timing of RXDATAF will be
re-aligned by the generation of a SYNC, SYNT or RX SYNC WORD interrupt.
(b) When RXDATAF subsequently becomes set to “1”, read the Rx data from the RXDATA
register. (Note that RXDATAF will be set every 8 bits regardless of whether valid Rx data is
being received or not. Sync and checksum patterns should be considered for validating the
data).
(c)
If RXSUMF becomes set to “1”, then all of the Rx data sent (starting after the
synchronisation word and terminating with a checksum) will have been correctly received.
Note that it is necessary to know in advance what message length is expected, in order to
determine at which point RXSUMF is valid (i.e. after the interrupt for the second checksum
data byte being received has occurred). The RXSUMF bit is invalid at all other times. When
RXSUMF becomes set to “1”, the last two bytes of Rx data received will represent the two-
byte checksum transmitted. The first checksum byte will already have been read from the
RXDATA register, the last byte is available to be read, as the RXDATAF bit will also have
been set to “1”.
6.
In FFSK Tx mode, wait for an interrupt (IRQN = “0”) or poll the STATUS register. Remember that
all status flags are reset after reading the STATUS register.
(a) Do not send Tx data until the TXDATAF bit has been set to “1”. When the TXDATAF bit is
next set to “1”, write the first byte of Tx data to the TXDATA register. If the transmit buffer is
empty, this data will be transmitted immediately, causing the TXDATAF bit to be set to “1”
approximately one FFSK bit-period after the TXDATA register has been loaded with data.
(Any TXIDLEF bit set upon entering FFSK Tx mode should be ignored).
(b) The next byte of Tx data should be written to the TXDATA register as soon as the TXDATAF
bit has been set to “1”. Once this has been done, the TXDATAF bit will again be set to “1”
eight FFSK bit-periods after the TXDATA register was loaded with the second byte of data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com