Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX839P4 Datasheet(PDF) 18 Page - CML Microcircuits

Part # FX839P4
Description  Analogue Control Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX839P4 Datasheet(HTML) 18 Page - CML Microcircuits

Back Button FX839P4 Datasheet HTML 14Page - CML Microcircuits FX839P4 Datasheet HTML 15Page - CML Microcircuits FX839P4 Datasheet HTML 16Page - CML Microcircuits FX839P4 Datasheet HTML 17Page - CML Microcircuits FX839P4 Datasheet HTML 18Page - CML Microcircuits FX839P4 Datasheet HTML 19Page - CML Microcircuits FX839P4 Datasheet HTML 20Page - CML Microcircuits FX839P4 Datasheet HTML 21Page - CML Microcircuits FX839P4 Datasheet HTML 22Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Analogue Control Interface
FX839
© 1997 Consumer Microcircuits Limited
18
D/839/4
Notes
Min.
Typ.
Max.
Units
ADCs and Multiplexed Inputs
(Guaranteed monotonic)
Resolution
10
Bits
Input signal 'linear rate of change'
VDD = 3.3V, fadc_clk = (For 1 Bit error)
0.27
mV/µs
Conversion Time fadc_clk = 1MHz
12
µs
Integral non-linearity
2.0
LSBs
Differential non-linearity
1.0
LSBs
Zero error
-20
20
mV
ADC Clock Frequency (fadc_clk)
1.0
TBD
MHz
Input Capacitance
TBD
pF
Variable Attenuators
Nominal Adjustment Range
(MOD1)
0
12.0
dB
(MOD2)
0
6.0
dB
Attenuation Accuracy
-1.0
1.0
dB
Step Size
(MOD1)
0.2
0.4
0.6
dB
(MOD2)
0.1
0.2
0.3
dB
Output Impedance
2
600
Ω
Bandwidth (-3dB)
2
100
kHz
Input Impedance (at 100Hz)
15.0
k
Ω
Magnitude Comparators and Interrupt
Request
Resolution
8
Bits
Output Logic '0' at IRQN (IOL= 360µA and
R2 = 22k
Ω ± 10% to DVDD)
10%
DVDD
'Off' State Leakage Current at IRQN
(Vout = DVDD)
10
µA
Xtal/Clock Input
Frequency Range
4
0.5
6.0
MHz
'High' pulse width
40
ns
'Low' pulse width
40
ns
Input Impedance (at 100Hz)
10
M
Ω
Gain (I/P = 1mVrms at 100Hz)
20
dB
Notes:
1.
The extremes of the DAC output range, when resistively loaded, are affected by the output
impedance of the DAC buffer. Under these conditions the output impedance can approach
200
Ω. However, when the output is operating well within the supply, the closed loop output
impedance will be significantly lower thereby improving the loaded performance.
2.
Small signal impedance, at AVDD = 5V and Tamb = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com