Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX839P4 Datasheet(PDF) 19 Page - CML Microcircuits

Part # FX839P4
Description  Analogue Control Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX839P4 Datasheet(HTML) 19 Page - CML Microcircuits

Back Button FX839P4 Datasheet HTML 14Page - CML Microcircuits FX839P4 Datasheet HTML 15Page - CML Microcircuits FX839P4 Datasheet HTML 16Page - CML Microcircuits FX839P4 Datasheet HTML 17Page - CML Microcircuits FX839P4 Datasheet HTML 18Page - CML Microcircuits FX839P4 Datasheet HTML 19Page - CML Microcircuits FX839P4 Datasheet HTML 20Page - CML Microcircuits FX839P4 Datasheet HTML 21Page - CML Microcircuits FX839P4 Datasheet HTML 22Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Analogue Control Interface
FX839
© 1997 Consumer Microcircuits Limited
19
D/839/4
Notes:
3.
RLOAD = 5kΩ AVDD = 5.0V.
4.
At VDD = 5.0V only. The ‘C-BUS’ clock must be at least 4 times slower than this xtal/clock
frequency.
5.
Differential non-linearity is defined as the difference in width between adjacent code midpoints
and the width of an ideal LSB, divided by the width of an ideal LSB.
6.
Integral non-linearity is defined as the width difference between an actual code midpoint and
the line of best fit through all code midpoints, divided by the width of an ideal LSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com