Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX949 Datasheet(PDF) 13 Page - CML Microcircuits

Part # FX949
Description  CDPD Wireless Modem Data Pump
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX949 Datasheet(HTML) 13 Page - CML Microcircuits

Back Button FX949 Datasheet HTML 9Page - CML Microcircuits FX949 Datasheet HTML 10Page - CML Microcircuits FX949 Datasheet HTML 11Page - CML Microcircuits FX949 Datasheet HTML 12Page - CML Microcircuits FX949 Datasheet HTML 13Page - CML Microcircuits FX949 Datasheet HTML 14Page - CML Microcircuits FX949 Datasheet HTML 15Page - CML Microcircuits FX949 Datasheet HTML 16Page - CML Microcircuits FX949 Datasheet HTML 17Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
CDPD Wireless Modem Data Pump
FX949
© 1996 Consumer Microcircuits Limited
13
D/949/5
Write Only Register Description
TXDATA0 to TXDATA46 Registers (Hex address $00 to $2E)
These 47 registers can be loaded with 6-bit symbols when the TXF bit in the IRQ FLAGS register is "1". On
loading the 47th symbol, the device will generate the 16 symbol parity code and begin the transmit sequence.
These registers are buffered, therefore after the TXF bit has gone to "1" there are 47 x 6 bit periods minus the
time to generate the 16 parity symbols in which to load all registers, i.e. approximately 14 msec.
The
controlling µP has to re-load the buffer with new data within this time otherwise the old data will be sent again.
TIMER Register (Hex address $2F)
This register sets a timer to expire from 1 to 255 seconds ("0" disables and powersaves it). The time starts
from when the register is first set and expires when the programmed time has passed. On expiry, the TIMEF
bit is set in the IRQ FLAGS register and an interrupt may occur. The timer is 1-shot and does not restart until it
is programmed again. After power up the TIMEF bit should be reset to "0" in order to initialise the timer.
CONTROL Register (Hex address $30)
This register is used to control the functions of the device as described below:
ACQ
(Bit 7)
This bit controls the way in which the receiver locks onto the phase and amplitude of
the incoming signal. When a carrier has been detected, this bit should be set high
for at least 16 signal-bit periods, during which time the receiver measures the signal
level (Fast Peak Detect) and sets its phase locked loop (PLL) bandwidth wide
enough to lock to the received signal in less than 8 zero crossings. When the ACQ
bit is returned low, level measurement enters the slower but more accurate
Averaging Peak Detect mode; the PLL enters its medium bandwidth for about 30
signal-bit periods, after which time it will continue in its narrow bandwidth mode.
RXHOLD
(Bit 6)
When this bit is set to "1" the receiver "bit synchronisation" PLL will lock. It can be
used during times when the signal fades, so that when the signal returns the
receiver is still very close to good "bit synchronisation". When this bit is set to "0",
the device uses its normal PLL acquisition sequence for "bit synchronisation". When
ACQ is high, the RXHOLD bit has no effect.
PSRX
(Bit 5)
When this bit is "1" the receiver is powersaved. When this bit is "0" the receiver is
enabled. After power up, this bit should be programmed to "1" in order to initialise
the receiver.
PSTX
(Bit 4)
When this bit is "1" the transmitter is powersaved. When this bit is "0" the transmitter
is enabled. Transmission starts as soon as the PSTX bit goes to "0". Before that
time, the CI bit and the TXDATA symbols should be set up for the first transmission.
Transmission is terminated as soon as the PSTX bit goes to "1". After power up, this
bit should be programmed to "1" in order to initialise the transmitter.
CI
(Bit 3)
This bit sets the continuity indicator for transmission. It should be set to "1" when
there are more blocks to follow and set to "0" when the last block begins. The first
47 symbol block transmitted after this bit has gone from "0" to "1" is preceded by the
"dotting sequence" and the reverse synchronisation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com