Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX949 Datasheet(PDF) 22 Page - CML Microcircuits

Part # FX949
Description  CDPD Wireless Modem Data Pump
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX949 Datasheet(HTML) 22 Page - CML Microcircuits

Back Button FX949 Datasheet HTML 17Page - CML Microcircuits FX949 Datasheet HTML 18Page - CML Microcircuits FX949 Datasheet HTML 19Page - CML Microcircuits FX949 Datasheet HTML 20Page - CML Microcircuits FX949 Datasheet HTML 21Page - CML Microcircuits FX949 Datasheet HTML 22Page - CML Microcircuits FX949 Datasheet HTML 23Page - CML Microcircuits FX949 Datasheet HTML 24Page - CML Microcircuits FX949 Datasheet HTML 25Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
CDPD Wireless Modem Data Pump
FX949
© 1996 Consumer Microcircuits Limited
22
D/949/5
For the following conditions unless otherwise specified:
Xtal Frequency = 4.9152MHz, VDD = 3.3V to 5.0V, Tamb = -40°C to +85°C.
Notes
Min.
Typ.
Max.
Units
µµP Interface Timings (ref. Fig. 7)
tACSL
Address valid to CSN low time
0
ns
tAH
Address hold time
10
ns
tCSH
CSN hold time
0
ns
tCSHI
CSN high time
6
clock cycles
tCSRWL
CSN to WRN or RDN low time
0
ns
tDHR
Read data hold time
0
ns
tDHW
Write data hold time
0
ns
tDSW
Write data setup time
90
ns
tRHCSL
RDN high to CSN low time (write)
0
ns
tRACL
Read access time from CSN low
11
175
ns
tRARL
Read access time from RDN low
11
145
ns
tRL
RDN low time
200
ns
tRX
RDN high to D0 - D7 3-state time
50
ns
tWHCSL
WRN high to CSN low time (read)
0
ns
tWL
WRN low time
200
ns
Notes:
11. With 30pF max. to VSS on D0 - D7 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com