Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6006DG Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXMS6006DG
Description  60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6006DG Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXMS6006DG Datasheet HTML 1Page - Diodes Incorporated ZXMS6006DG Datasheet HTML 2Page - Diodes Incorporated ZXMS6006DG Datasheet HTML 3Page - Diodes Incorporated ZXMS6006DG Datasheet HTML 4Page - Diodes Incorporated ZXMS6006DG Datasheet HTML 5Page - Diodes Incorporated ZXMS6006DG Datasheet HTML 6Page - Diodes Incorporated ZXMS6006DG Datasheet HTML 7Page - Diodes Incorporated ZXMS6006DG Datasheet HTML 8Page - Diodes Incorporated ZXMS6006DG Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ZXMS6006DG
Document number: DS35142 Rev. 1 - 2
3 of 9
www.diodes.com
December 2010
© Diodes Incorporated
ZXMS6006DG
A Product Line of
Diodes Incorporated
IntelliFET
® is a trademark of Diodes Incorporated, registered in the United States and other jurisdictions worldwide.
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Continuous Drain-Source Voltage
VDS
60
V
Drain-Source Voltage for Short Circuit Protection
VDS(SC)
16
V
Continuous Input Voltage
VIN
-0.5 ... +6
V
Continuous Input Current @-0.2V
≤ VIN ≤ 6V
Continuous Input Current @VIN < -0.2V or VIN > 6V
IIN
No limit
│IIN │≤2
mA
Pulsed Drain Current @VIN = 3.3V
IDM
11
A
Pulsed Drain Current @VIN = 5V
IDM
13
A
Continuous Source Current (Body Diode) (Note 4)
IS
2
A
Pulsed Source Current (Body Diode)
ISM
12
A
Unclamped Single Pulse Inductive Energy,
TJ = 25°C, ID = 0.5A, VDD = 24V
EAS
490
mJ
Electrostatic Discharge (Human Body Model)
VESD
4000
V
Charged Device Model
VCDM
1000
V
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Power Dissipation at TA = 25°C (Note 4)
Linear Derating Factor
PD
1.3
10.4
W
mW/
°C
Power Dissipation at TA = 25°C (Note 5)
Linear Derating Factor
PD
3.0
24
W
mW/
°C
Thermal Resistance, Junction to Ambient (Note 4)
RθJA
96
°C/W
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
42
°C/W
Thermal Resistance, Junction to Case (Note 6)
RθJC
12
°C/W
Operating Temperature Range
TJ
-40 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Notes:
4. For a device surface mounted on 15mm x 15mm single sided 1oz weight copper on 1.6mm FR4 board, in still air conditions.
5. For a device surface mounted on 50mm x 50mm single sided 2oz weight copper on 1.6mm FR4 board, in still air conditions.
6. Thermal resistance between junction and the mounting surfaces of drain and source pins.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com