Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6006DG Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMS6006DG
Description  60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6006DG Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMS6006DG Datasheet HTML 1Page - Diodes Incorporated ZXMS6006DG Datasheet HTML 2Page - Diodes Incorporated ZXMS6006DG Datasheet HTML 3Page - Diodes Incorporated ZXMS6006DG Datasheet HTML 4Page - Diodes Incorporated ZXMS6006DG Datasheet HTML 5Page - Diodes Incorporated ZXMS6006DG Datasheet HTML 6Page - Diodes Incorporated ZXMS6006DG Datasheet HTML 7Page - Diodes Incorporated ZXMS6006DG Datasheet HTML 8Page - Diodes Incorporated ZXMS6006DG Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ZXMS6006DG
Document number: DS35142 Rev. 1 - 2
4 of 9
www.diodes.com
December 2010
© Diodes Incorporated
ZXMS6006DG
A Product Line of
Diodes Incorporated
IntelliFET
® is a trademark of Diodes Incorporated, registered in the United States and other jurisdictions worldwide.
Recommended Operating Conditions
The ZXMS6006DG is optimized for use with µC operating from 3.3V and 5V supplies.
Characteristic
Symbol
Min
Max
Unit
Input Voltage Range
VIN
0
5.5
V
Ambient Temperature Range
TA
-40
125
°C
High Level Input Voltage for MOSFET to be on
VIH
3
5.5
V
Low level input voltage for MOSFET to be off
VIL
0
0.7
V
Peripheral Supply Voltage (voltage to which load is referred)
VP
0
16
V
Thermal Characteristics
110
10m
100m
1
10
Limit of s/c protection
15X15X1.6 mm
Single 1oz FR4
Limited by Over-Current Protection
Single Pulse
T
amb
=25°C
Limited
by R
DS(on)
1ms
10ms
100ms
1s
DC
Safe Operating Area
V
DS
Drain-Source Voltage (V)
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
15X15X1.6 mm
Single 1oz FR4
T
amb
=25°C
50X50X1.6 mm
Single 2oz FR4
15X15X1.6 mm
Single 1oz FR4
Derating Curve
Temperature (°C)
100µ
1m
10m 100m
1
10
100
1k
0
10
20
30
40
50
60
70
80
90
100
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
1
10
100
Single Pulse
T
amb
=25°C
15X15X1.6 mm
Single 1oz FR4
Pulse Power Dissipation
Pulse Width (s)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com