Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3072 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC3072
Description  Strobe Flash Applications Medium Power Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3072 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC3072 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3072 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3072 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3072 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC3072
2005-02-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
2SC3072
Strobe Flash Applications
Medium Power Amplifier Applications
• High DC current gain
: hFE = 140 to 450 (VCE = 2 V, IC = 0.5 A)
: hFE = 70 (min) (VCE = 2 V, IC = 4 A)
• Low collector saturation voltage
: VCE (sat) = 1.0 V (max) (IC = 4 A, IB = 0.1 A)
• High power dissipation
: PC = 10 W (Tc = 25°C), PC = 1.0 W (Ta = 25°C)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
VCES
40
Collector-emitter voltage
VCEO
20
V
Emitter-base voltage
VEBO
8
V
DC
IC
5
Collector current
Pulse
(Note 1)
ICP
8
A
Base current
IB
0.5
A
Ta = 25°C
1.0
Collector power
dissipation
Tc = 25°C
PC
10
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: Pulse test: Pulse width = 10 ms (max), duty cycle = 30% (max)
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-7B1A
Weight: 0.36 g (typ.)
JEDEC
―
JEITA
―
TOSHIBA
2-7J1A
Weight: 0.36 g (typ.)


Similar Part No. - 2SC3072

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3072 TOSHIBA-2SC3072 Datasheet
152Kb / 3P
TRANSISTOR (STROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
logo
Guangdong Kexin Industr...
2SC3072 KEXIN-2SC3072 Datasheet
40Kb / 1P
Silicon NPN Epitaxial
logo
Toshiba Semiconductor
2SC3072 TOSHIBA-2SC3072 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SC3072 ISC-2SC3072 Datasheet
299Kb / 2P
Silicon NPN Power Transistor
2SC3072 ISC-2SC3072 Datasheet
280Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC3072

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1160 TOSHIBA-2SA1160_07 Datasheet
150Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SA1242 TOSHIBA-2SA1242_07 Datasheet
158Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SA1300 TOSHIBA-2SA1300_07 Datasheet
334Kb / 3P
Strobe Flash Applications Medium Power Amplifier Applications
2SA1160 TOSHIBA-2SA1160_09 Datasheet
162Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SA1242 TOSHIBA-2SA1242_10 Datasheet
161Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SA1431 TOSHIBA-2SA1431_06 Datasheet
142Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SC4681 TOSHIBA-2SC4681_05 Datasheet
121Kb / 3P
Strobe Flash Applications Medium Power Amplifier Applications
2SC4683 TOSHIBA-2SC4683 Datasheet
184Kb / 3P
STROBE FLASH APPLICATIONS MEDIUM POWER AMPLIFIER APPLICATIONS
2SC4684 TOSHIBA-2SC4684_05 Datasheet
162Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SC4685 TOSHIBA-2SC4685_04 Datasheet
131Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com