Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3072 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC3072
Description  Strobe Flash Applications Medium Power Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3072 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC3072 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3072 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3072 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3072 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC3072
2005-02-01
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (mA)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
Base-emitter voltage VBE (V)
IC – VBE
Common emitter
VCE = 2 V
0
0
2
Tc = 100°C
4
8
0.4
0.8
1.2
1.6
25
−25
6
2.0
0.1
0.01
Common emitter
VCE = 2 V
Tc = 100°C
30
0.03
0.3
1
50
100
300
500
1000
−25
25
3
10
10
Common emitter
Tc = 25°C
0
0
10
2
IB = 10 mA
4
8
1
2
3
4
5
50
70
150
200
30
0
20
6
6
100
0.01
Common emitter
IC/IB = 40
Tc = 100°C
0.05
0.03
0.1
0.3
1
0.1
0.3
0.5
1
3
−25
25
3
10
0.03
Collector-emitter voltage VCE (V)
Safe Operating Area
Ambient temperature Ta (°C)
PC – Ta
12
0
0
(1) Tc = Ta infinite heat sink
(2) Ceramic substrate
50 × 50 × 0.8 mm
(3) No heat sink
25
50
75
100
125
150
175
2
4
6
8
10
(1)
(2)
(3)
*: Single nonrepetitive pulse
Tc = 25°C
**: Pulse width = 10 ms (max)
Duty cycle = 30% (max)
Curves must be derated linearly with
increase in temperature.
0.1
0.3
IC max (continuous)
IC max (pulsed)**
DC operation
Tc = 25°C
10
30
1
3
0.3
0.5
1
3
5
10 ms*
10
100 ms*
1 ms*
VCEO max



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com