Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP131 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP131
Description  300mA LOW DROPOUT LINEAR REGULATOR WITH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP131 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP131 Datasheet HTML 1Page - Diodes Incorporated AP131 Datasheet HTML 2Page - Diodes Incorporated AP131 Datasheet HTML 3Page - Diodes Incorporated AP131 Datasheet HTML 4Page - Diodes Incorporated AP131 Datasheet HTML 5Page - Diodes Incorporated AP131 Datasheet HTML 6Page - Diodes Incorporated AP131 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP131
300mA LOW DROPOUT LINEAR REGULATOR WITH
SHUTDOWN
AP131 Rev. 7
5 of 7
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Typical Characteristics
AP131 PSRR vs. Frequency
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
10
100
1K
10K
100K
1M
Frequency (Hz)
AP131 Vout vs. Load Current
3.02
3.025
3.03
3.035
3.04
3.045
3.05
3.055
3.06
3.065
3.07
3.075
3.08
3.085
3.09
3.095
0
30
60
90 120 150 180 210 240 270 300 330
Load Current (uA)
AP131 GND Current vs. Input Voltage
0
5
10
15
20
25
30
35
40
45
50
55
00.511.522.533.544.555.56
Input Voltage (V)
AP131 Dropout vs. Load
0
50
100
150
200
250
300
350
400
450
0
50
100
150
200
250
300
Load (Io) (mA)
VOUT=3.3V
Typical Application Circuit
IN
OUT
GND
AP131
BP
EN
EN
VIN
C
IN
C
BP
C
OUT
VOUT
ON
OFF
1uF
0.1uF
10uF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com