Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP131 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP131
Description  300mA LOW DROPOUT LINEAR REGULATOR WITH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP131 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP131 Datasheet HTML 1Page - Diodes Incorporated AP131 Datasheet HTML 2Page - Diodes Incorporated AP131 Datasheet HTML 3Page - Diodes Incorporated AP131 Datasheet HTML 4Page - Diodes Incorporated AP131 Datasheet HTML 5Page - Diodes Incorporated AP131 Datasheet HTML 6Page - Diodes Incorporated AP131 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP131
300mA LOW DROPOUT LINEAR REGULATOR WITH
SHUTDOWN
AP131 Rev. 7
2 of 7
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Pin Assignment
( Top View )
SOT25
3
2
5
4
1
IN
EN
BP
OUT
Pin Description
Block Diagram
Current
Limit
Thermal
Shutdown
-
+
IN
OUT
GND
1.08V
Error
Amp
Bandgap
Enable
BP
EN
Pin Name
Description
IN
Input Voltage
GND
Ground
EN
Enable Pin
BP
Band-gap
OUT
Output Voltage



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com