Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP133 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP133
Description  300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP133 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP133_09 Datasheet HTML 1Page - Diodes Incorporated AP133_09 Datasheet HTML 2Page - Diodes Incorporated AP133_09 Datasheet HTML 3Page - Diodes Incorporated AP133_09 Datasheet HTML 4Page - Diodes Incorporated AP133_09 Datasheet HTML 5Page - Diodes Incorporated AP133_09 Datasheet HTML 6Page - Diodes Incorporated AP133_09 Datasheet HTML 7Page - Diodes Incorporated AP133_09 Datasheet HTML 8Page - Diodes Incorporated AP133_09 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AP133
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT
LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 6
3 of 15
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Functional Block Diagram
IN
EN
GND
FB
OUT
Gate
Driver
0.8V
Current Limit
and Thermal
Shutdown
Typical Application Circuit
1uF
IN
GND
EN
OUT
Enable
ADJ
R2
R1
1uF
VIN
VOUT
AP133
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
2
1
1
R
R
V
V
REF
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com