Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP133 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP133
Description  300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP133 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP133_09 Datasheet HTML 1Page - Diodes Incorporated AP133_09 Datasheet HTML 2Page - Diodes Incorporated AP133_09 Datasheet HTML 3Page - Diodes Incorporated AP133_09 Datasheet HTML 4Page - Diodes Incorporated AP133_09 Datasheet HTML 5Page - Diodes Incorporated AP133_09 Datasheet HTML 6Page - Diodes Incorporated AP133_09 Datasheet HTML 7Page - Diodes Incorporated AP133_09 Datasheet HTML 8Page - Diodes Incorporated AP133_09 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AP133
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT
LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 6
1 of 15
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
•
300mA Low Dropout Regulator with EN
•
Very low IQ: 40µA
•
Wide input voltage range: 2V – 6V
•
Adjustable output: 1V – 5V
•
High PSRR: 65dB at 1kHz
•
Ultra-fast start-up time: 25µs
•
Stable with low ESR, 1µF ceramic output capacitor
•
Excellent Load/Line Transient Response
•
Low dropout: 350mV at 300mA
•
Current limit protection
•
Short circuit protection
•
Thermal shutdown protection
•
Ambient temperature range: -40ºC to 85°C
•
SOT25 and DFN2020-6: Available in “Green” Molding
Compound (No Br, Sb)
•
Lead Free Finish/RoHS Compliant (Note 1)
The AP133 is a 300mA, adjustable output voltage, low dropout
linear regulator. The device includes pass element, error
amplifier, band-gap, current limit and thermal shutdown circuitry.
The device is turned on when EN pin is set to logic high level.
The characteristics of low dropout voltage and less quiescent
current make it good for low power applications, for example,
battery powered devices. The typical quiescent current is
approximately 40
μA from zero to maximum load.
Built-in current-limit and thermal-shutdown functions prevent
IC from damage in fault conditions.
The AP133 is available in SOT25 and DFN2020-6 packages.
•
Cellular Phones
•
Smart Phones, PDAs
•
MP3/MP4
•
Bluetooth head set
•
Low power application
AP 133 - XX G - 7
Packing
Package
Green
W : SOT25
G : Green
7 : Tape & Reel
SN : DFN2020-6
Device
Package
Code
Packaging
(Note 2)
7” Tape and Reel
Quantity
Part Number Suffix
AP133-WG-7
W
SOT25
3000/Tape & Reel
-7
AP133-SNG-7
SN
DFN2020-6
3000/Tape & Reel
-7
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
Description
Applications
Ordering Information


Similar Part No. - AP133_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP133-SN DIODES-AP133-SN Datasheet
970Kb / 14P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 2
AP133-SN-W DIODES-AP133-SN-W Datasheet
970Kb / 14P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 2
AP133-SNG-7 DIODES-AP133-SNG-7 Datasheet
970Kb / 14P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 2
AP133-WG-7 DIODES-AP133-WG-7 Datasheet
970Kb / 14P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 2
logo
Advanced Power Electron...
AP1332EU A-POWER-AP1332EU Datasheet
67Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP133_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP133 DIODES-AP133 Datasheet
970Kb / 14P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 2
AP7335 DIODES-AP7335 Datasheet
237Kb / 18P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32259 Rev. 1 - 2
AP7331 DIODES-AP7331 Datasheet
372Kb / 13P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT
DS31914 Rev. 3 - 2
AP7332 DIODES-AP7332 Datasheet
294Kb / 18P
DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT
DS35132 Rev. 1 - 2
AP7333 DIODES-AP7333 Datasheet
358Kb / 12P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7333 Rev. 2
AP7335_1009 DIODES-AP7335_1009 Datasheet
238Kb / 17P
300mA, Low Quiescent Current, Fast Transient
DS32259 Rev. 2 - 2
AP7335A DIODES-AP7335A Datasheet
273Kb / 12P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 2
AP7331-28WG-7 DIODES-AP7331-28WG-7 Datasheet
372Kb / 13P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
AP7332-1218FM-7 DIODES-AP7332-1218FM-7 Datasheet
298Kb / 18P
DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
AP7333 DIODES-AP7333 Datasheet
358Kb / 12P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com