Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP358 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP358
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP358 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP358 Datasheet HTML 7Page - Diodes Incorporated AP358 Datasheet HTML 8Page - Diodes Incorporated AP358 Datasheet HTML 9Page - Diodes Incorporated AP358 Datasheet HTML 10Page - Diodes Incorporated AP358 Datasheet HTML 11Page - Diodes Incorporated AP358 Datasheet HTML 12Page - Diodes Incorporated AP358 Datasheet HTML 13Page - Diodes Incorporated AP358 Datasheet HTML 14Page - Diodes Incorporated AP358 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AP358
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358
Document number: DS31007 Rev. 6 - 2
11 of 16
www.diodes.com
July 2010
© Diodes Incorporated
Typical Performance Characteristics
Input offset Voltage vs Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
255075
100
Temperature(℃)
V+=+15V
DC
V+=+30V
DC
V+=+5V
DC
Input Current vs Temperature
0
10
20
30
40
50
60
70
80
0
25
50
75
100
Temperature(℃)
V
CM=0V DC
V+=+5V
DC
V+=+15V
DC
V+=+30V
DC
Input offset Current vs Temperature
0
1
2
3
4
5
0
25
50
75
100
Temperature(
℃)
V+=+30V
DC
V+=+5V
DC
V+=+15V
DC
V
CM=0V DC
Output Current(Isink) vs Temperature
0
3
6
9
12
15
18
0
25
50
75
100
Temperature(
℃)
V
+=15V
VIN
-=1V
VIN
+=0V
VO=2V
CH1
CH2
Output Current(Isink) vs Temperature
0
20
40
60
80
100
120
0
25
50
75
100
Temperature(
℃)
V
+=15V
VIN
-=1V
VIN
+=0V
VO=200mV
CH1
CH2
Supply Current vs Temperature
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
25
50
75
100
Temperature(
℃)
V+=+5V
DC
V+=+30V
DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com