Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP358 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP358
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP358 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP358 Datasheet HTML 8Page - Diodes Incorporated AP358 Datasheet HTML 9Page - Diodes Incorporated AP358 Datasheet HTML 10Page - Diodes Incorporated AP358 Datasheet HTML 11Page - Diodes Incorporated AP358 Datasheet HTML 12Page - Diodes Incorporated AP358 Datasheet HTML 13Page - Diodes Incorporated AP358 Datasheet HTML 14Page - Diodes Incorporated AP358 Datasheet HTML 15Page - Diodes Incorporated AP358 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AP358
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358
Document number: DS31007 Rev. 6 - 2
12 of 16
www.diodes.com
July 2010
© Diodes Incorporated
Typical Performance Characteristics (Continued)
Supply Current
0
0.2
0.4
0.6
0.8
1
1.2
1.4
5
1015
20
2530
35
Supply Voltage(V)
Large Signal Frequency Response
0
2
4
6
8
10
12
14
1k
10k
25K
50K
75K 100K 500K 1M
Input Frequency (Hz)
1K
V
O
100K
+7V
DC
+15
V
DC
2K
Current Limit
0
10
20
30
40
50
0
25
50
75
100
Temperature(
℃)
I
O
+
Voltage Follower Pulse Response
Voltage Follower Pulse Response (Small Signal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com