Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP431A Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP431A
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP431A Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP431A Datasheet HTML 7Page - Diodes Incorporated AP431A Datasheet HTML 8Page - Diodes Incorporated AP431A Datasheet HTML 9Page - Diodes Incorporated AP431A Datasheet HTML 10Page - Diodes Incorporated AP431A Datasheet HTML 11Page - Diodes Incorporated AP431A Datasheet HTML 12Page - Diodes Incorporated AP431A Datasheet HTML 13Page - Diodes Incorporated AP431A Datasheet HTML 14Page - Diodes Incorporated AP431A Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AP431/AP431A
ADJUSTABLE PRECISION SHUNT REGULATOR
AP431/AP431A
Document number: DS31002 Rev. 15 - 2
11 of 16
www.diodes.com
June 2010
© Diodes Incorporated
Marking Information
(1) SC59 and SC59R
1
2
3
XX Y W X
( Top View )
XX : Identification code
W : Week : A~Z : 1~26 week;
X : A~Z : Green
Y : Year 0~9
a~z : 27~52 week; z represents
52 and 53 week
a~z : Lead Free
(2) SOT23 and SOT23R
1
2
3
XX Y W X
( Top View )
XX : Identification code
W : Week : A~Z : 1~26 week;
X : A~Z : Green
Y : Year 0~9
a~z : 27~52 week; z represents
52 and 53 week
(3) SOT25
1
2
3
5
4
XX Y W X
( Top View )
XX : Identification code
W : Week : A~Z : 1~26 week;
X : A~Z : Green
Y : Year 0~9
a~z : 27~52 week; z represents
52 and 53 week
a~z : Lead Free
(4) SOP-8L
( Top View )
AP431X
YY WW X X
Logo
Part Number
5
8
4
1
G : Green
Accuracy
Blank : 2.495 + 1%
A : 2.495 + 0.5%
WW : Week : 01~52; 52
YY : Year : 08, 09,10~
X : Internal Code
represents 52 and 53 week



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com