Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP431A Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP431A
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP431A Datasheet(HTML) 3 Page - Diodes Incorporated

  AP431A Datasheet HTML 1Page - Diodes Incorporated AP431A Datasheet HTML 2Page - Diodes Incorporated AP431A Datasheet HTML 3Page - Diodes Incorporated AP431A Datasheet HTML 4Page - Diodes Incorporated AP431A Datasheet HTML 5Page - Diodes Incorporated AP431A Datasheet HTML 6Page - Diodes Incorporated AP431A Datasheet HTML 7Page - Diodes Incorporated AP431A Datasheet HTML 8Page - Diodes Incorporated AP431A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AP431/AP431A
ADJUSTABLE PRECISION SHUNT REGULATOR
AP431/AP431A
Document number: DS31002 Rev. 15 - 2
3 of 16
www.diodes.com
June 2010
© Diodes Incorporated
Functional Block Diagram
REF (R)
VREF
+
-
Anode (A)
Symbol
Cathode (C)
REF (R)
Anode (A)
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
Vcv
Cathode Voltage
+36
V
ICC
Continuous Cathode Current
-10 to +250
mA
IREF
Reference Input Current
10
mA
TOP
Operating Temperature
-20 to +85
oC
TST
Storage Temperature
-65 to +150
oC
PD
Power Dissipation (Notes 2, 3)
SOT23(R)
400
mW
SOT25
550
mW
SC59(R)
400
mW
SOP-8L
600
mW
SOT89-3L
800
mW
TO92-3L
780
mW
Notes:
2. TJ, max =150°C.
3. Ratings apply to ambient temperature at 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com