Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1530 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1530
Description  18V 3A 300KHz BUCK CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1530 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1530 Datasheet HTML 1Page - Diodes Incorporated AP1530 Datasheet HTML 2Page - Diodes Incorporated AP1530 Datasheet HTML 3Page - Diodes Incorporated AP1530 Datasheet HTML 4Page - Diodes Incorporated AP1530 Datasheet HTML 5Page - Diodes Incorporated AP1530 Datasheet HTML 6Page - Diodes Incorporated AP1530 Datasheet HTML 7Page - Diodes Incorporated AP1530 Datasheet HTML 8Page - Diodes Incorporated AP1530 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AP1530
18V 3A 300KHz BUCK CONVERTER
AP1530 Rev. 7
1 of 12
NOVEMBER 2009
DS31092
www.diodes.com
© Diodes Incorporated
•
Input voltage: 3.6V to 18V.
•
Output voltage: 0.8V to VCC.
•
Duty ratio: 0% to 100% PWM control
•
Oscillation frequency: 300kHz typ.
•
Current Limit, Enable function
•
Thermal Shutdown function
•
Built-in internal SW P-channel MOS
•
Lead Free package: SOP-8L
•
SOP-8L: Available in “Green” Molding Compound
(No Br, Sb) (Note 1)
•
Lead Free Finish/ RoHS Compliant (Note 2)
AP1530 consists of step-down switching regulator with PWM
control. These devices include a reference voltage source,
oscillation circuit, error amplifier and internal PMOS.
AP1530 provides low-ripple power, high efficiency, and excellent
transient characteristics. The PWM control circuit is able to vary
the duty ratio linearly from 0 up to 100%.
This converter also
contains an error amplifier circuit. An enable function, an over
current protection and a short circuit protection are built inside,
and when OCP or SCP happens, the operation frequency will be
reduced from 300kHz to 50kHz. Also, an internal compensation
block is built in to minimum external component count.
With the addition of an internal P-channel Power MOS, a coil,
capacitors, and a diode connected externally, these ICs can
function as step-down switching regulators. They serve as ideal
power supply units for portable devices when coupled with the
SOP-8L package, providing such outstanding features as low
current consumption. Since this converter can accommodate an
input voltage up to 18V, it is also suitable for the operation via an
AC adapter.
•
PCD Motherboard
•
LCD Monitor
•
Graphic Card
•
DVD-Video Player
•
Telecom Equipment
•
ADSL Modem
•
Printer and other Peripheral Equipment
•
Microprocessor core supply
•
Networking power supply
Typical Application Circuit
AP 1530
+
-
VSS
EN
Cc
R
A
R
B
D1
*
FB
Vcc
Output
CVcc
V
OUT = 5V/3A
V
IN
R
OCSET
OCSET
C
OUT
C
IN
Option
C
OCSET
C
EN
R
EN
Option
100K
L1
22uH
6.8K
1.3K
3K
0.1uF
+
-
C
0.1uF
470uF
470uF
0.1uF
* Suggested DIODES Power Schottky P/N: B340 series or PDS340.
VOUT=VFB x (1+RA/RB)
R
B= 0.7K~5K ohm
Features
General Description
Applications


Similar Part No. - AP1530

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1530 DIODES-AP1530 Datasheet
230Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1530 Rev. 1
AP1530S DIODES-AP1530S Datasheet
230Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1530 Rev. 1
AP1530SG-13 DIODES-AP1530SG-13 Datasheet
259Kb / 12P
18V 3A 300KHz BUCK CONVERTER
Rev 7
AP1530SL-13 DIODES-AP1530SL-13 Datasheet
230Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1530 Rev. 1
AP1530SL-13 DIODES-AP1530SL-13 Datasheet
259Kb / 12P
18V 3A 300KHz BUCK CONVERTER
Rev 7
More results

Similar Description - AP1530

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1518 ANACHIP-AP1518 Datasheet
193Kb / 12P
300KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
logo
Diodes Incorporated
AP1538 DIODES-AP1538 Datasheet
289Kb / 14P
18V 3A 300KHz BUCK CONVERTER
AP1538 Rev. 2
AP1539 DIODES-AP1539 Datasheet
239Kb / 12P
18V 4A 300KHz BUCK CONVERTER
AP1539 Rev. 2
AP1538 DIODES-AP1538_09 Datasheet
312Kb / 13P
18V 3A 300KHz BUCK CONVERTER
AP1538 Rev. 5
AP1539_0910 DIODES-AP1539_0910 Datasheet
306Kb / 13P
18V 4A 300KHz BUCK CONVERTER
AP1539 Rev. 4
AP1530SG-13 DIODES-AP1530SG-13 Datasheet
259Kb / 12P
18V 3A 300KHz BUCK CONVERTER
Rev 7
logo
Global Mixed-mode Techn...
G5503 GMT-G5503 Datasheet
160Kb / 1P
300KHz, 3A Buck Converter
logo
Sanken electric
NR120E SANKEN-NR120E Datasheet
759Kb / 13P
3A, 18V, Buck Regulator
logo
Rohm
BD86123AEFJ ROHM-BD86123AEFJ Datasheet
452Kb / 20P
4.5V to 18V, 3A 1ch Synchronous Buck Converter
BD95835EFJ ROHM-BD95835EFJ Datasheet
585Kb / 23P
4.5V to 18V, 3A 1ch Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com