Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3620 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC3620
Description  Color TV Horizontal Driver Applications Color TV Chroma Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3620 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC3620 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3620 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3620 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3620 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC3620
2004-07-26
1
TOSHIBA Transistor Silicon NPN Triple Diffused Type (PCT Process)
2SC3620
Color TV Horizontal Driver Applications
Color TV Chroma Output Applications
• High breakdown voltage: VCEO = 300 V
• Recommended for chroma output and driver applications for
line-operated TV horizontal.
Maximum Ratings (Tc = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
300
V
Collector-emitter voltage
VCEO
300
V
Emitter-base voltage
VEBO
7
V
Collector current
IC
100
mA
Base current
IB
50
mA
Collector power dissipation
(Ta = 25°C)
PC
1.5
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Electrical Characteristics (Tc = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 240 V, IE = 0
―
―
1.0
µA
Emitter cut-off current
IEBO
VEB = 7 V, IC = 0
―
―
1.0
µA
hFE (1)
VCE = 10 V, IC = 50 mA
40
―
170
DC current gain
hFE (2)
VCE = 10 V, IC = 100 mA
20
―
―
Collector-emitter saturation voltage
VCE (sat)
IC = 100 mA, IB = 20 mA
―
―
1.0
V
Base-emitter saturation voltage
VBE (sat)
IC = 100 mA, IB = 20 mA
―
―
1.2
V
Transition frequency
fT
VCE = 10 V, IC = 30 mA
50
―
―
MHz
Collector output capacitance
Cob
VCB = 50 V, IE = 0, f = 1 MHz
―
―
5.0
pF
Marking
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-8H1A
Weight: 0.82 g (typ.)
C3620
Part No. (or abbreviation code)
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.


Similar Part No. - 2SC3620

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3620 TOSHIBA-2SC3620 Datasheet
189Kb / 3P
NPN TRIPLE DIFFUSED TYPE (COLOR TV HORIZONTAL DRIVER, CHROMA OUTPUT APPLICATIONS)
More results

Similar Description - 2SC3620

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3620 TOSHIBA-2SC3620 Datasheet
189Kb / 3P
NPN TRIPLE DIFFUSED TYPE (COLOR TV HORIZONTAL DRIVER, CHROMA OUTPUT APPLICATIONS)
logo
Sanyo Semicon Device
2SD1876 SANYO-2SD1876 Datasheet
82Kb / 3P
Color TV Horizontal Deflection Output Applications
2SD1883 SANYO-2SD1883 Datasheet
83Kb / 3P
Color TV Horizontal Deflection Output Applications?
2SD1884 SANYO-2SD1884 Datasheet
82Kb / 3P
Color TV Horizontal Deflection Output Applications?
2SD1885 SANYO-2SD1885 Datasheet
88Kb / 3P
Color TV Horizontal Deflection Output Applications?
2SD2579 SANYO-2SD2579 Datasheet
43Kb / 4P
Color TV Horizontal Deflection Output Applications
2SD2645 SANYO-2SD2645 Datasheet
29Kb / 4P
Color TV Horizontal Deflection Output Applications
2SD2648 SANYO-2SD2648 Datasheet
28Kb / 4P
Color TV Horizontal Deflection Output Applications
2SC4218 SANYO-2SC4218 Datasheet
127Kb / 3P
Color TV Chroma Output, High-Voltage Driver Applications
logo
Toshiba Semiconductor
2SC2456 TOSHIBA-2SC2456 Datasheet
214Kb / 3P
COLOR TV HOR I ZONTAL DRIVER APPLICATIONS.. COLOR TV CHROMA OUTPUT APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com