Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3620 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC3620
Description  Color TV Horizontal Driver Applications Color TV Chroma Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3620 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC3620 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3620 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3620 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3620 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC3620
2004-07-26
2
Collector current IC (mA)
th t
Collector current IC (mA)
Collector-emitter voltage VCE (V)
Collector current IC (mA)
Collector current IC (mA)
Collector current IC (mA)
IC – VCE
VCE (sat) – IC
VBE (sat) – IC
hFE – IC
hFE – IC
VCE (sat) – IC
Common emitter
IC/IB = 10
1
0.3
3
10
30
3
0.05
0.1
0.3
0.5
100
Tc = 100°C
25
−25
1
30
Common emitter
IC/IB = 10
Tc = 25°C
5
0.3
3
0.5
0.3
0.1
1
3
10
100
1
5
30
Common emitter
Tc = 25°C
500
0.3
300
50
30
10
1
3
10
100
VCE = 10 V
2
100
Common emitter
Tc = 25°C
1
0.3
3
10
30
3
0.05
0.1
0.3
0.5
100
IC/IB = 20
5
10
1
100
0
0
60
40
20
4
8
12
Common emitter
Tc = 25°C
0.6
0.5
IB = 0.1 mA
0.7
16
0.4
0.2
0.3
20
24
28
80
0.9
0.8
1.0
25
30
Common emitter
VCE = 10 V
500
0.3
300
50
30
10
1
3
10
100
Tc = 100°C
−25
100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com