Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1603WG Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP1603WG
Description  STEP-UP DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1603WG Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP1603WG Datasheet HTML 2Page - Diodes Incorporated AP1603WG Datasheet HTML 3Page - Diodes Incorporated AP1603WG Datasheet HTML 4Page - Diodes Incorporated AP1603WG Datasheet HTML 5Page - Diodes Incorporated AP1603WG Datasheet HTML 6Page - Diodes Incorporated AP1603WG Datasheet HTML 7Page - Diodes Incorporated AP1603WG Datasheet HTML 8Page - Diodes Incorporated AP1603WG Datasheet HTML 9Page - Diodes Incorporated AP1603WG Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AP1603
STEP-UP DC/DC CONVERTER
AP1603
Document number: DS31131 Rev. 3 - 2
6 of 10
www.diodes.com
June 2010
© Diodes Incorporated
Typical Performance Characteristics (Continued)
Efficiency vs. Load Current
82
83
84
85
86
87
88
89
90
91
Load Current (mA)
VIN = 1.2V
VOUT = 3.3V
Efficiency vs. Load Current
80
81
82
83
84
85
86
87
88
89
90
91
92
Load Current (mA)
VIN = 2.4V
VOUT = 3.3V
Shoutdown Current vs. Supply Voltage
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
12
3
4
Supply Voltage (V)
Shutdown Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com