Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1603WG Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1603WG
Description  STEP-UP DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1603WG Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1603WG Datasheet HTML 1Page - Diodes Incorporated AP1603WG Datasheet HTML 2Page - Diodes Incorporated AP1603WG Datasheet HTML 3Page - Diodes Incorporated AP1603WG Datasheet HTML 4Page - Diodes Incorporated AP1603WG Datasheet HTML 5Page - Diodes Incorporated AP1603WG Datasheet HTML 6Page - Diodes Incorporated AP1603WG Datasheet HTML 7Page - Diodes Incorporated AP1603WG Datasheet HTML 8Page - Diodes Incorporated AP1603WG Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP1603
STEP-UP DC/DC CONVERTER
AP1603
Document number: DS31131 Rev. 3 - 2
1 of 10
www.diodes.com
June 2010
© Diodes Incorporated
Description
The AP1603 is a high efficiency step-up DC/DC converter for
applications using as few as a single NiMH or Li-Ion battery
cells. Only four external components are required to deliver a
fixed output voltage of 3.3V. The AP1603 starts up from less
than 0.9V input with 1mA load. Pulse Frequency Modulation
scheme brings optimized performance for applications with
light output loading and low input voltages. The output ripple
and noise are lower compared with the circuits operating in
PSM mode.
The PFM control circuit operating in 150KHz (max.) switching
rate results in smaller passive components. The space saving
SOT26 packages make the AP1603 an ideal choice of DC/DC
converter for space conscious applications, like pagers,
electronic cameras, and wireless microphones.
Pin Assignments
1
2
3
74
6
LX
GND
OUT
REF
SOT26
AP1603
5
SHDN
FB
( Top View )
Features
•
A Guaranteed Start-Up from less than 0.9 V
•
High Efficiency
•
Low Quiescent Current
•
Less Number of External Components needed
•
Low Ripple and Low Noise
•
Space Saving Lead Free Package: SOT26
•
Lead Free Finish/ RoHS Compliant (Note 1)
Applications
•
Pagers
•
Cameras
•
Wireless Microphones
•
Pocket Organizers
•
Battery Backup Suppliers
•
Portable Instruments
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.


Similar Part No. - AP1603WG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1603WG DIODES-AP1603WG Datasheet
159Kb / 8P
STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
AP1603WG-7 DIODES-AP1603WG-7 Datasheet
299Kb / 8P
STEP-UP DC-DC CONVERTER
Rev 4
AP1603WG-7 DIODES-AP1603WG-7 Datasheet
278Kb / 8P
STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
More results

Similar Description - AP1603WG

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1601 ANACHIP-AP1601 Datasheet
207Kb / 9P
Step-Up DC/DC Converter
Rev. 1.1 Apr. 14, 2005
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
Step-Up DC/DC Converter
Rev. 0.1 Apr. 14, 2004
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
Step-Up DC/DC Converter
Rev. 1.0 May. 5, 2005
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
Step-up DC/DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383 Datasheet
446Kb / 10P
STEP-UP DC/DC CONVERTER
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
Step-Up DC/DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603_V01 Datasheet
278Kb / 8P
STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
AP1522 DIODES-AP1522 Datasheet
323Kb / 10P
STEP-UP DC/DC CONVERTER
December 2017 Rev. 4 - 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com