Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1609 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP1609
Description  PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1609 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP1609 Datasheet HTML 1Page - Diodes Incorporated AP1609 Datasheet HTML 2Page - Diodes Incorporated AP1609 Datasheet HTML 3Page - Diodes Incorporated AP1609 Datasheet HTML 4Page - Diodes Incorporated AP1609 Datasheet HTML 5Page - Diodes Incorporated AP1609 Datasheet HTML 6Page - Diodes Incorporated AP1609 Datasheet HTML 7Page - Diodes Incorporated AP1609 Datasheet HTML 8Page - Diodes Incorporated AP1609 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AP1609
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
5 of 9
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Typical Application Circuit
(1) Normal Circuit
LX
VCC
FB
GND
CE
2.5V~6V
PGND
SS340
R1
R2
CBP
0.1u
100u
Vout
0.1u
330K
3.3u
0.1u
100
100u
Vout = 1.23 (1+
) , R
2= 10K~100K
R
1
R
2
×
10uH
Option
(2) HV Circuit
LX
VCC
FB
GND
CE
above 5.5V
PGND
SS340
R1
R2
0.1u
470u
15V
0.1u
330K
ZD
0.1u
R
470u
Vout = 1.23 (1+
) , R
2 = 10K~100K
R
1
R
2
×
3.3u
10uH
5V
CBP
Option



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com