Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1609 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1609
Description  PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1609 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1609 Datasheet HTML 1Page - Diodes Incorporated AP1609 Datasheet HTML 2Page - Diodes Incorporated AP1609 Datasheet HTML 3Page - Diodes Incorporated AP1609 Datasheet HTML 4Page - Diodes Incorporated AP1609 Datasheet HTML 5Page - Diodes Incorporated AP1609 Datasheet HTML 6Page - Diodes Incorporated AP1609 Datasheet HTML 7Page - Diodes Incorporated AP1609 Datasheet HTML 8Page - Diodes Incorporated AP1609 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AP1609
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
4 of 9
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
AP1609
( FOSC = 300kHz, VOUT = 5V )
TA = 25
oC
Symbol
Parameter
Conditions
Min
Typ.
Max
Units
VFB
FB Voltage
1.20
1.23
1.26
V
VCC
Input Voltage
2.5
-
6
V
VOUT
Output Voltage
3.0
-
17
V
IOUT
Maximum Switching Output
Current
2.4
-
-
A
RDS (ON)
Drain-Source On-State
Resistance
ID = 2.4A
-
100
-
mΩ
ICCQ
Quiescent Current
No Load, FB = 2V, CE = High
-
80
130
μA
ISD
Shutdown Current
No Load, CE = Low
-
1
-
μA
Fosc
Oscillator Frequency
Measuring of EXT Waveform,
VIN = Output Voltage +0.3V
240
300
360
kHz
MAXDTY
Maximum Duty Ratio
80
-
-
%
PFMDTY
PFM Duty Ratio
No Load
15
25
35
%
VCEH
CE “High” Voltage
No External Components,
VFB = 0V,
Apply 0.65VCC (min.) to CE,
Chip Enable
0.65
-
-
*VCC
VCEL
CE “Low” Voltage
Same as VCEH, Chip Disable
-
-
0.20
*VCC
EFFI
Efficiency
-
91
-
%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com