Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1635 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP1635
Description  PWM/PFM DUAL MODE STEP-DOWN DC/DC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1635 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP1635 Datasheet HTML 1Page - Diodes Incorporated AP1635 Datasheet HTML 2Page - Diodes Incorporated AP1635 Datasheet HTML 3Page - Diodes Incorporated AP1635 Datasheet HTML 4Page - Diodes Incorporated AP1635 Datasheet HTML 5Page - Diodes Incorporated AP1635 Datasheet HTML 6Page - Diodes Incorporated AP1635 Datasheet HTML 7Page - Diodes Incorporated AP1635 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AP1635
PWM/PFM DUAL MODE STEP-DOWN DC/DC
CONVERTER
AP1635 Rev. 4
5 of 8
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
Vcc vs. Operating Current
Vcc vs. Quiescent Current
Icc (uA)
0
20
40
60
80
100
120
140
160
180
200
2.5
3
3.5
4
4.5
5
Vcc (V)
0
20
40
60
80
100
120
140
160
180
200
2.533.5
44.5
5
Vcc (V)
Vcc vs. Stand-by Current
Vcc vs. Frequency
4
4.5
5
5.5
6
6.5
7
7.5
8
2.53
3.54
4.55
Vcc (V)
600
620
640
660
680
700
720
740
760
780
800
2.5
3
3.5
4
4.5
5
Vcc (V)
Vcc vs. Current Limit
Vcc vs. RDS(ON)
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
33.54
4.55
Vcc
Current Limit
Vout=2V
0
100
200
300
400
500
600
2.5
3
3.5
4
4 .5
5
Vcc (V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com