Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1635 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1635
Description  PWM/PFM DUAL MODE STEP-DOWN DC/DC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1635 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1635 Datasheet HTML 1Page - Diodes Incorporated AP1635 Datasheet HTML 2Page - Diodes Incorporated AP1635 Datasheet HTML 3Page - Diodes Incorporated AP1635 Datasheet HTML 4Page - Diodes Incorporated AP1635 Datasheet HTML 5Page - Diodes Incorporated AP1635 Datasheet HTML 6Page - Diodes Incorporated AP1635 Datasheet HTML 7Page - Diodes Incorporated AP1635 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP1635
PWM/PFM DUAL MODE STEP-DOWN DC/DC
CONVERTER
AP1635 Rev. 4
1 of 8
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Lead-free
•
Input voltage range: 2.2V~5V (VOUT type)
•
Oscillator frequency: 700KHz (Typ.)
•
Internal reference: 1.0V (Typ.)
•
High efficiency: 93% (Typ.)
•
Current limit and thermal shutdown protection
•
Lead Free Package: SOP-8L
•
SOP-8L: Available in “Green” Molding Compound
(No Br, Sb)
•
Lead Free Finish/ RoHS Compliant (Note 1)
The AP1635 series are multi-functional step-down DC/DC
converters with built-in speed, low ON resistance drivers. It is
capable to deliver more than 1.2A output current with external
coil, diode and capacitor.
Output voltage is set-up by the external resistors. (±2.5%
accuracy). The 700KHz AP1635 that can work out with small
value external components comes out more compact board.
The device switches to and works under PFM mode with light
loads. It keeps at high efficiency for both light loads and large
output current.
AP1635 can be soft-start with a proper capacitor connected
between CE/SS pin and ground. The stand-by current is less
than 6uA when CE/SS pin is at “LOW” status. The device is
forced to switch off as the voltage at that pin is lower than the
stipulated voltage.
Applications
•
Electronic Information Organizers
•
Palmtops
•
Cellular and portable phones
•
Portable Audio Systems
•
Various Multi-function Power Supplies
Ordering Information
AP 1635 S X - 13
Package
Packing
Lead Free
13 : Tape & Reel
G : Green
S : SOP-8L
L : Lead Free
Device
Package
Code
Packaging
(Note 2)
13” Tape and Reel
Quantity
Part Number Suffix
AP1635SL-13
S
SOP-8L
2500/Tape & Reel
-13
AP1635SG-13
S
SOP-8L
2500/Tape & Reel
-13
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description


Similar Part No. - AP1635

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1635 DIODES-AP1635 Datasheet
235Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1635 Rev. 3
AP1635SL-13 DIODES-AP1635SL-13 Datasheet
235Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1635 Rev. 3
AP1635SL-U DIODES-AP1635SL-U Datasheet
235Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1635 Rev. 3
More results

Similar Description - AP1635

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
PFM/PWM Step-Down DC/DC Controller
2002
logo
Anachip Corp
AP1624 ANACHIP-AP1624 Datasheet
172Kb / 7P
PWM/PFM Dual Mode Step-up DC/DC Controller
Rev.1.1 Dec.23, 2004
AP1604 ANACHIP-AP1604 Datasheet
202Kb / 7P
PWM/PFM Dual Mode Step-down DC/DC Converter
Rev.1.1 Jun. 27, 2005
AP1625 ANACHIP-AP1625 Datasheet
159Kb / 5P
PWM/PFM Dual Mode Step-down DC/DC Controller
Rev.1.1 May.27, 2004
logo
Diodes Incorporated
AP1635 DIODES-AP1635 Datasheet
235Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1635 Rev. 3
AP1604A DIODES-AP1604A Datasheet
235Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1604A Rev. 2
AP1609 DIODES-AP1609 Datasheet
164Kb / 8P
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
AP1604A DIODES-AP1604A_09 Datasheet
175Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1604A Rev. 2
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
PWM/PFM Step-down DC-DC Controller
logo
Microchip Technology
TC105 MICROCHIP-TC105_13 Datasheet
197Kb / 14P
PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com