Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3673 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC3673
Description  Switching Applications Solenoid Drive Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3673 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC3673 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3673 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3673 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3673 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3673 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC3673
2004-07-26
1
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC3673
Switching Applications
Solenoid Drive Applications
• High DC current gain: hFE = 500 (min) (IC = 400 mA)
• Low collector-emitter saturation voltage: VCE (sat) = 0.5 V (max)
(IC = 300 mA)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
40
V
Collector-emitter voltage
VCEO
40
V
Emitter-base voltage
VEBO
7
V
Collector current
IC
2
A
Base current
IB
0.5
A
Collector power dissipation
PC
1000
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 40 V, IE = 0
―
―
10
µA
Emitter cut-off current
IEBO
VEB = 7 V, IC = 0
―
―
1
µA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
40
―
―
V
DC current gain
hFE
VCE = 1 V, IC = 400 mA
500
―
―
Collector-emitter saturation voltage
VCE (sat)
IC = 300 mA, IB = 1 mA
―
0.3
0.5
V
Base-emitter saturation voltage
VBE (sat)
IC = 300 mA, IB = 1 mA
―
―
1.1
V
Transition frequency
fT
VCE = 2 V, IC = 100 mA
―
220
―
MHz
Collector output capacitance
Cob
VCB = 10 V, IB = 0, f = 1 MHz
―
20
―
pF
Turn-on time
ton
―
1.0
―
Storage time
tstg
―
3.0
―
Switching time
Fall time
tf
IB1 = −IB2 = 1 mA, duty cycle ≤ 1%
―
1.2
―
µs
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-7D101A
Weight: 0.2 g (typ.)
20 µs
VCC = 30 V
Output
IB2
IB1
Input


Similar Part No. - 2SC3673

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3673 TOSHIBA-2SC3673 Datasheet
200Kb / 3P
NPN EPITAXIAL TYPE (SWITCHING, SOLENOID DRIVE APPLICATIONS)
More results

Similar Description - 2SC3673

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3474 TOSHIBA-2SC3474 Datasheet
189Kb / 4P
NPN EPITAXIAL TYPE (SWITCHING, SOLENOID DRIVE APPLICATIONS)
2SC3673 TOSHIBA-2SC3673 Datasheet
200Kb / 3P
NPN EPITAXIAL TYPE (SWITCHING, SOLENOID DRIVE APPLICATIONS)
2SD2092 TOSHIBA-2SD2092 Datasheet
228Kb / 4P
NPN EPITAXIAL TYPE (SWITCHING, LAMP, SOLENOID DRIVE APPLICATIONS)
2SK526 TOSHIBA-2SK526 Datasheet
133Kb / 3P
MOTOR AND SOLENOID DRIVE APPLICATIONS
TPCA8007-H TOSHIBA-TPCA8007-H Datasheet
38Kb / 4P
Switching Regulator Applications, Motor Drive Applications
2SB908 TOSHIBA-2SB908_07 Datasheet
167Kb / 5P
Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SC3474 TOSHIBA-2SC3474_05 Datasheet
185Kb / 5P
Switching Applications Solenoid Drive Applications
2SC3964 TOSHIBA-2SC3964_04 Datasheet
150Kb / 5P
Switching Applications Solenoid Drive Applications Temperature Compensated for Audio Amplifier Output Stage
2SD2686 TOSHIBA-2SD2686 Datasheet
182Kb / 5P
Solenoid Drive Applications Motor Drive Applications
2SD2719 TOSHIBA-2SD2719 Datasheet
208Kb / 5P
Solenoid Drive Applications Motor Drive Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com