Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2001 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2001
Description  MONOLITHIC DUAL CHANNEL PWM CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2001 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2001 Datasheet HTML 1Page - Diodes Incorporated AP2001 Datasheet HTML 2Page - Diodes Incorporated AP2001 Datasheet HTML 3Page - Diodes Incorporated AP2001 Datasheet HTML 4Page - Diodes Incorporated AP2001 Datasheet HTML 5Page - Diodes Incorporated AP2001 Datasheet HTML 6Page - Diodes Incorporated AP2001 Datasheet HTML 7Page - Diodes Incorporated AP2001 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP2001
MONOLITHIC DUAL CHANNEL PWM CONTROLLER
AP2001 Rev. 1
1 of 8
NOVEMBER 2006
www.diodes.com
© Diodes Incorporated
Lead-free
•
Dual PWM control circuitry
•
Operating voltage can be up to 50V
•
Adjustable Dead Time Control (DTC)
•
Under Voltage Lockout (UVLO) protection
•
Short Circuit Protection (SCP)
•
Variable oscillator frequency: 500KHz Max
•
2.5V voltage reference output
•
SOP-16L package
•
Lead Free Finish/RoHS Compliant for Lead Free
products (Note 1)
The AP2001 integrates Pulse-width-Modulation (PWM) control
circuit into a single chip, mainly designed for power-supply
regulator. All the functions included are an on-chip 2.5V
reference output, two error amplifiers, an adjustable oscillator,
two dead-time comparators, UVLO, SCP, DTC circuitry, and dual
common-emitter (CE) output transistor circuit.
Recommend the output CE transistors as pre-driver for Driving
externally. The DTC can provide from 0% to 100%. Switching
frequency can be adjustable by trimming RT and CT. During low
VCC situation, the UVLO makes sure that the outputs are off until
the internal circuit is operating normally.
•
Backlight inverter
•
DC/DC converts in computers, etc.
Ordering Information
AP 2001 X X X
Package
Packing
S: SOP-16L
- U : Tube
- 13 : Taping
Lead Free
L : Lead Free Package
(Note 2)
Note: 1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
Tube
13” Tape and Reel
Device
Package
Code
Packaging
(Note 2)
Quantity
Part Number
Suffix
Quantity
Part Number Suffix
AP2001S
S
SOP-16L
50
-U
2500/Tape & Reel
-13
Note:
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications


Similar Part No. - AP2001

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP2001 ANACHIP-AP2001 Datasheet
188Kb / 8P
Monolithic Dual Channel PWM Controller
Rev. 0.3 Feb 20, 2004
logo
Diodes Incorporated
AP2001 DIODES-AP2001 Datasheet
176Kb / 8P
MONOLITHIC DUAL CHANNEL PWM CONTROLLER
AP2001 Rev. 2
logo
Anachip Corp
AP2001N ANACHIP-AP2001N Datasheet
188Kb / 8P
Monolithic Dual Channel PWM Controller
Rev. 0.3 Feb 20, 2004
AP2001NA ANACHIP-AP2001NA Datasheet
188Kb / 8P
Monolithic Dual Channel PWM Controller
Rev. 0.3 Feb 20, 2004
AP2001NL ANACHIP-AP2001NL Datasheet
188Kb / 8P
Monolithic Dual Channel PWM Controller
Rev. 0.3 Feb 20, 2004
More results

Similar Description - AP2001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Anachip Corp
AP2001 ANACHIP-AP2001 Datasheet
188Kb / 8P
Monolithic Dual Channel PWM Controller
Rev. 0.3 Feb 20, 2004
logo
Taiwan Semiconductor Co...
TS1451 TSC-TS1451 Datasheet
138Kb / 7P
Dual Channel PWM Controller
logo
Diodes Incorporated
AP2001 DIODES-AP2001 Datasheet
176Kb / 8P
MONOLITHIC DUAL CHANNEL PWM CONTROLLER
AP2001 Rev. 2
logo
Microsemi Corporation
LX1752 MICROSEMI-LX1752 Datasheet
658Kb / 28P
Dual Interleaving PWM Controller
logo
Advantech Co., Ltd.
ES-1117N-LEAE ADVANTECH-ES-1117N-LEAE Datasheet
506Kb / 5P
Dual PWM CCFL Controller
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
logo
Richtek Technology Corp...
RT3606BC RICHTEK-RT3606BC Datasheet
974Kb / 72P
Dual Channel PWM Controller
RT3606BE RICHTEK-RT3606BE Datasheet
983Kb / 70P
Dual Channel PWM Controller
RT8876A RICHTEK-RT8876A_14 Datasheet
696Kb / 50P
Dual Channel PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com