Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2001 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP2001
Description  MONOLITHIC DUAL CHANNEL PWM CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2001 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP2001 Datasheet HTML 1Page - Diodes Incorporated AP2001 Datasheet HTML 2Page - Diodes Incorporated AP2001 Datasheet HTML 3Page - Diodes Incorporated AP2001 Datasheet HTML 4Page - Diodes Incorporated AP2001 Datasheet HTML 5Page - Diodes Incorporated AP2001 Datasheet HTML 6Page - Diodes Incorporated AP2001 Datasheet HTML 7Page - Diodes Incorporated AP2001 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AP2001
MONOLITHIC DUAL CHANNEL PWM CONTROLLER
AP2001 Rev. 1
4 of 8
NOVEMBER 2006
www.diodes.com
© Diodes Incorporated
Recommended Operating Conditions
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
3.6
40
V
VI
Amplifier Input Voltage
1.05
1.45
V
VO
Collector Output Voltage
40
V
IO
Collector Output Current
20
mA
IFB
Current into Feedback Terminal
45
µA
RF
Feedback Resistor
100
kΩ
CT
Timing Capacitor
150
15000
pF
RT
Timing Resistor
5.1
100
kΩ
FOSC
Oscillator Frequency
1
500
KHz
TOP
Operating Free-air Temperature
-20
85
ºC
Electrical Characteristics (TA = 25ºC, VCC = 6V, f = 200 KHz)
Reference (REF)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage (pin 16)
IO = 1mA
2.4
2.5
2.6
V
TA = -20ºC ~ 25ºC
-0.1
±1
%
VO
Output Voltage Change with
Temperature
TA = 25ºC ~ 85ºC
-0.2
±1
%
VDLI
Input Stability
VCC = 3.6V ~ 40V
2
12.5
mV
VDLO
Output Stability
IO = 0.1 mA ~ 1mA
1
7.5
mV
IO
Short-circuit Output Current
VO = 0
3
10
30
mA
Under voltage lockout (UVLO)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VUT
Upper Threshold Voltage (VCC)
2.65
V
VLWT
Lower Threshold Voltage (VCC)
2.45
V
VHT
Hysteresis (VCC)
IO(REF) = 0.1mA
TA = 25ºC
80
200
mV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com