Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2181D Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP2181D
Description  1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2181D Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP2181D Datasheet HTML 5Page - Diodes Incorporated AP2181D Datasheet HTML 6Page - Diodes Incorporated AP2181D Datasheet HTML 7Page - Diodes Incorporated AP2181D Datasheet HTML 8Page - Diodes Incorporated AP2181D Datasheet HTML 9Page - Diodes Incorporated AP2181D Datasheet HTML 10Page - Diodes Incorporated AP2181D Datasheet HTML 11Page - Diodes Incorporated AP2181D Datasheet HTML 12Page - Diodes Incorporated AP2181D Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AP2181D/AP2191D
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH WITH OUTPUT DISCHARGE
AP2181D/2191D
Document number: DS32251 Rev. 2 - 2
9 of 17
www.diodes.com
September 2010
© Diodes Incorporated
Application Note
The AP2181D and AP2191D are integrated high-side
power switches optimized for Universal Serial Bus (USB)
that require protection functions. The power switches are
equipped with a driver that controls the gate voltage and
incorporates slew-rate limitation. This, along with the
various protection features and special functions, makes
these power switches ideal for hot-swap or hot-plug
applications.
Protection Features:
Under-voltage Lockout (UVLO)
Under-voltage lockout function (UVLO) guarantees that
the internal power switch is initially off during start-up.
The UVLO functions only when the switch is enabled.
Even if the switch is enabled, the switch is not turned ON
until the power supply has reached at least 1.9V.
Whenever the input voltage falls below approximately
1.9V, the power switch is turned off. This facilitates the
design of hot-insertion systems where it is not possible to
turn off the power switch before input power is removed.
Over-current and Short Circuit Protection
An internal sensing FET is employed to check for over-
current conditions. Unlike current-sense resistors, sense
FETs do not increase the series resistance of the current
path. When an overcurrent condition is detected, the
device maintains a constant output current and reduces
the output voltage accordingly. Complete shutdown
occurs only if the fault stays long enough to activate
thermal limiting.
The different overload conditions and the corresponding
response of the AP2181D/AP2191D are outlined below:
S. NO
Conditions
Explanation
Behavior of the AP2181D/AP2191D
1
Short circuit condition at
start-up
Output is shorted before
input voltage is applied or
before the part is enabled
The IC senses the short circuit and immediately
clamps output current to a certain safe level namely
ILIMIT.
2
Short-circuit or
Overcurrent condition
Short-Circuit or Overload
condition that occurs when
the part is enabled.
• At the instance the overload occurs, higher
current may flow for a very short period of time
before the current limit function can react.
• After the current limit function has tripped
(reached the over-current trip threshold), the
device switches into current limiting mode and
the current is clamped at ILIMIT.
3
Gradual increase from
nominal operating current
to ILIMIT
Load increases gradually
until the current-limit
threshold.(ITRIG)
The current rises until ITRIG or thermal limit. Once
the threshold has been reached, the device
switches into its current limiting mode and is set at
ILIMIT.
Note that when the output has been shorted to GND at
extremely low temperature (< -20
oC), a minimum 120-μF
electrolytic capacitor on the output pin is recommended. A
correct capacitor type with capacitor voltage rating and
temperature characteristics must be properly chosen so
that capacitance value does not drop too low at the
extremely low temperature operation.
A recommended
capacitor should have temperature characteristics of less
than 10% variation of capacitance change when operated
at extremely low temp.
Our recommended aluminum
electrolytic capacitor type is Panasonic FC series.
Thermal Protection
Thermal protection prevents the IC from damage when
the die temperature exceeds safe margins. This mainly
occurs when heavy-overload or short-circuit faults are
present
for
extended
periods
of
time.
The
AP2181D/AP2191D
implements
thermal
sensing
to
monitor the operating junction temperature of the power
distribution switch. Once the die temperature rises to
approximately 140°C, the Thermal protection feature gets
activated as follows: The internal thermal sense circuitry
turns the power switch off and the FLG output is asserted
thus
preventing
the
power
switch
from
damage.
Hysteresis in the thermal sense circuit allows the device
to cool down to approximately 25°C before the output is
turned back on. The built-in thermal hysteresis feature
avoids undesirable oscillations of the thermal protection
circuit. The switch continues to cycle in this manner until
the load fault is removed, resulting in a pulsed output.
The FLG open-drain output is asserted when an over-
current occurs with 7-ms deglitch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com