Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2181D Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP2181D
Description  1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2181D Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP2181D Datasheet HTML 6Page - Diodes Incorporated AP2181D Datasheet HTML 7Page - Diodes Incorporated AP2181D Datasheet HTML 8Page - Diodes Incorporated AP2181D Datasheet HTML 9Page - Diodes Incorporated AP2181D Datasheet HTML 10Page - Diodes Incorporated AP2181D Datasheet HTML 11Page - Diodes Incorporated AP2181D Datasheet HTML 12Page - Diodes Incorporated AP2181D Datasheet HTML 13Page - Diodes Incorporated AP2181D Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AP2181D/AP2191D
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH WITH OUTPUT DISCHARGE
AP2181D/2191D
Document number: DS32251 Rev. 2 - 2
10 of 17
www.diodes.com
September 2010
© Diodes Incorporated
Application Note (Continued)
Reverse Current Protection
In a normal MOSFET switch, current can flow in reverse
direction (from the output side to the input side) when the
output side voltage is higher than the input side, even
when the switch is turned off. A reverse-current blocking
feature is implemented in the AP21x1 series to prevent
such back currents. This circuit is activated by the
difference between the output voltage and the input
voltage. When the switch is disabled, this feature blocks
reverse current flow from the output back to the input.
Special Functions:
Discharge Function
When enable is de-asserted, the discharge function is
active. The output capacitor is discharged through an
internal NMOS that has a discharge resistance of 100
Ω.
Hence, the output voltage drops down to zero. The time
taken for discharge is dependent on the RC time constant
of the resistance and the output capacitor.
FLG Response
The FLG open-drain output goes active low for any of the
two conditions: Over-Current or Over-Temperature. The
time from when a fault condition is encountered to when
the FLG output goes low is 7-ms (TYP). The FLG output
remains low until both over-current and over-temperature
conditions are removed. Connecting a heavy capacitive
load to the output of the device can cause a momentary
Over-current condition, which does not trigger the FLG
due to the 7-ms deglitch timeout. This 7-ms timeout is also
applicable
for
Over-current
recovery
and
Thermal
recovery. The AP2181D/AP2191D is designed to eliminate
erroneous Over-current reporting without the need for
external components, such as an RC delay network.
Applications Information:
Power Supply Considerations
A 0.01-
μF to 0.1-μF X7R or X5R ceramic bypass capacitor
between
IN
and
GND,
close
to
the
device,
is
recommended. This limits the input voltage drop during
line transients. Placing a high-value electrolytic capacitor
on the input (10-
μF minimum) and output pin(s) is
recommended when the output load is heavy. This
precaution also reduces power-supply transients that may
cause ringing on the input. Additionally, bypassing the
output with a 0.01-
μF to 0.1-μF ceramic capacitor
improves the immunity of the device to short-circuit
transients. This capacitor also prevents output from going
negative during turn-off due to inductive parasitics.
Power Dissipation and Junction Temperature
The low on-resistance of the internal MOSFET allows the
small surface-mount packages to pass large current.
Using the maximum operating ambient temperature (TA)
and RDS(ON), the power dissipation can be calculated by:
PD = RDS(ON)× I
2
The junction temperature can be calculated by:
TJ = PD x RθJA + TA
Where:
TA= Ambient temperature °C
RθJA = Thermal resistance
PD = Total power dissipation
Generic Hot-Plug Applications
In many applications it may be necessary to remove
modules or PC boards while the main unit is still
operating. These are considered hot-plug applications.
Such implementations require the control of current
surges as seen by the main power supply and the card
being inserted. The most effective way to control these
surges is to limit and slowly ramp up the current and
voltage being applied to the card, similar to the way in
which a power supply normally turns on. Due to the
controlled rise and fall times of the AP2181D/AP2191D,
these devices can be used to provide a softer start-up to
devices being hot-plugged into a powered system. The
UVLO feature of the AP2181D/AP2191D also ensures
that the switch is off after the card has been removed,
and that the switch is off during the next insertion.
By placing the AP2181D/AP2191D between the VCC input
and the rest of the circuitry, the input power reaches
these devices first after insertion. The typical rise time of
the switch is approximately 1ms, providing a slow voltage
ramp at the output of the device. This implementation
controls the system surge current and provides a
hot-plugging mechanism for any device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com