Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2281 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP2281
Description  Single Slew Rate Controlled Load Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2281 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP2281 Datasheet HTML 2Page - Diodes Incorporated AP2281 Datasheet HTML 3Page - Diodes Incorporated AP2281 Datasheet HTML 4Page - Diodes Incorporated AP2281 Datasheet HTML 5Page - Diodes Incorporated AP2281 Datasheet HTML 6Page - Diodes Incorporated AP2281 Datasheet HTML 7Page - Diodes Incorporated AP2281 Datasheet HTML 8Page - Diodes Incorporated AP2281 Datasheet HTML 9Page - Diodes Incorporated AP2281 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AP2281
Single Slew Rate Programmable Load Switch
AP2281 Rev. 4
6 of 13
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Quiescent Current vs. Input Voltage
0
0.002
0.004
0.006
0.008
0.01
1.02.0
3.04.0
5.06.0
Input Voltage (V)
Quiescent Current vs. Temperature
0.000
0.002
0.004
0.006
0.008
0.010
-50
-25
0
255075
100
125
Temperature (°C)
VIN=1.8V
VIN=3.3V
VIN=5.0V
RDS(ON) vs. Input Voltage
50.00
100.00
150.00
200.00
250.00
300.00
1.522.5
33.54
4.555.5
6
Input Voltage (V)
I=100mA
I=500mA
I=1A
I=2A
RDS(ON) vs. Temperature
0.00
20.00
40.00
60.00
80.00
100.00
120.00
140.00
160.00
180.00
200.00
-50
-25
0
25
50
75
100
Temperature (°C)
VIN =1.8V
VIN =3.3V
VIN =5V
ENABLE Threshold vs. Input Voltage
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage (V)
VIL (V)
VIH (V)
Input Shutdown Current vs. Temperature
0.000
0.002
0.004
0.006
0.008
0.010
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com