Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2281 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP2281
Description  Single Slew Rate Controlled Load Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2281 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP2281 Datasheet HTML 5Page - Diodes Incorporated AP2281 Datasheet HTML 6Page - Diodes Incorporated AP2281 Datasheet HTML 7Page - Diodes Incorporated AP2281 Datasheet HTML 8Page - Diodes Incorporated AP2281 Datasheet HTML 9Page - Diodes Incorporated AP2281 Datasheet HTML 10Page - Diodes Incorporated AP2281 Datasheet HTML 11Page - Diodes Incorporated AP2281 Datasheet HTML 12Page - Diodes Incorporated AP2281 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AP2281
Single Slew Rate Programmable Load Switch
AP2281 Rev. 4
9 of 13
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Input Capacitor
A 1
μF capacitor is recommended to connect between IN
and GND pins to decouple input power supply glitch and
noise. The input capacitor has no specific type or
ESR (Equivalent
Series
Resistance)
requirement.
However,
for
higher
current
application,
ceramic
capacitors are recommended due to their capability to
withstand input current surges from low impedance
sources, such as batteries in portable applications. This
input capacitor must be located as close as possible to
the device to assure input stability and less noise. For
PCB layout, a wide copper trace is required for both
IN and GND.
Output Capacitor
A 0.1
μF capacitor is recommended to connect between
OUT and GND pins to stabilize and accommodate load
transient condition. The output capacitor has no specific
type
or
ESR
requirement.
The
amount
of
the
capacitance may be increased without limit. For
PCB layout, the output capacitor must be placed as
close as possible to OUT and GND pins, and keep the
traces as short as possible.
ENABLE/SHUTDOWN Operation
The AP2281 is turned on by setting the EN pin high, and
is turned off by pulling it low. To ensure proper operation,
the signal source used to drive the EN pin must be able
to swing above and below the specified turn-on/off
voltage thresholds listed in the Electrical Characteristics
section under VIL and VIH.
DISCHARGE Operation
The AP2281-3 offers discharge option that helps to
discharge the output charge when disabled.
Power Dissipation
The device power dissipation and proper sizing of the
thermal plane is critical to avoid thermal shutdown and
ensure reliable operation. Power dissipation of the
device depends on input voltage and load conditions and
can be calculated by:
DSON
2
OUT
D
xR
I
P
=
(1)
However, the maximum power dissipation that can be
handled by the device depends on the maximum
junction to ambient thermal resistance, maximum
ambient temperature, and maximum device junction
temperature, which can be approximated by the
equation below:
JA
A
A
D
)
T
C
125
(
)
T
(max@
P
θ
−
°
+
=
(2)
For example at VIN = 5V, the typical RDSON = 80mΩ. For
IOUT = 2A, the maximum power dissipation calculated
using equation (1) is PD = 0.32W. Based on SOT26
θJA = 153°C/W and equation (2), the calculated junction
temperature rise from ambient is approximately 49°C.
Since the maximum junction temperature is 125°C, the
operating ambient temperature must be kept below 76°C
to safely operate the device.
On the other hand, at TA = 85°C and VIN = 5V, the
calculated maximum power dissipation from equation (2)
is approximately PDmax = 0.26W. Hence the safe
operating maximum continuous current is 1.81A. For
other
application
conditions,
the
users
should
recalculate the device maximum power dissipation
based on the operating conditions.
Application Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com