Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4497 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC4497
Description  High Voltage Control Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC4497 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC4497 Datasheet HTML 1Page - Toshiba Semiconductor 2SC4497 Datasheet HTML 2Page - Toshiba Semiconductor 2SC4497 Datasheet HTML 3Page - Toshiba Semiconductor 2SC4497 Datasheet HTML 4Page - Toshiba Semiconductor 2SC4497 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC4497
2003-03-27
1
TOSHIBA Transistor
Silicon NPN Triple Diffused Type (PCT process)
2SC4497
High Voltage Control Applications
· High voltage: VCBO = 300 V, VCEO = 300 V
· Low saturation voltage: VCE (sat) = 0.5 V (max)
· Small collector output capacitance: Cob = 3 pF (typ.)
· Complementary to 2SA1721
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
300
V
Collector-emitter voltage
VCEO
300
V
Emitter-base voltage
VEBO
6
V
Collector current
IC
100
mA
Base current
IB
20
mA
Collector power dissipation
PC
200
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-55~150
°C
Marking
Unit: mm
JEDEC
TO-236MOD
JEITA
SC-59
TOSHIBA
2-3F1A
Weight: 0.012 g (typ.)


Similar Part No. - 2SC4497

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4497 TOSHIBA-2SC4497 Datasheet
169Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE CONTROL APPLICATIONS)
logo
Guangdong Kexin Industr...
2SC4497 KEXIN-2SC4497 Datasheet
36Kb / 1P
Silicon NPN Triple Diffused Type
logo
Inchange Semiconductor ...
2SC4497 ISC-2SC4497 Datasheet
304Kb / 3P
isc Silicon NPN Power Transistor
More results

Similar Description - 2SC4497

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4497 TOSHIBA-2SC4497 Datasheet
169Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE CONTROL APPLICATIONS)
MIG75Q7CSB1X TOSHIBA-MIG75Q7CSB1X Datasheet
168Kb / 11P
High Power Switching Applications Motor Control Applications
SF1500GX22 TOSHIBA-SF1500GX22 Datasheet
194Kb / 3P
HIGH POWER CONTROL APPLICATIONS
2SA1091 TOSHIBA-2SA1091_07 Datasheet
654Kb / 4P
High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SA1384 TOSHIBA-2SA1384_07 Datasheet
203Kb / 6P
High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
logo
Guangdong Kexin Industr...
2SA1384 KEXIN-2SA1384 Datasheet
728Kb / 4P
High Voltage Control Applications
2SC3515 KEXIN-2SC3515 Datasheet
729Kb / 4P
High Voltage Control Applications
logo
Toshiba Semiconductor
2SA1432 TOSHIBA-2SA1432_09 Datasheet
159Kb / 6P
High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SA1721 TOSHIBA-2SA1721_07 Datasheet
192Kb / 5P
High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SC3515 TOSHIBA-2SC3515_04 Datasheet
195Kb / 6P
HIGH Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com