Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4541 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC4541
Description  Power Amplifier Applications Power Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC4541 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC4541 Datasheet HTML 1Page - Toshiba Semiconductor 2SC4541 Datasheet HTML 2Page - Toshiba Semiconductor 2SC4541 Datasheet HTML 3Page - Toshiba Semiconductor 2SC4541 Datasheet HTML 4Page - Toshiba Semiconductor 2SC4541 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC4541
2004-07-07
4
Base-emitter voltage VBE (V)
IC – VBE
Collector-emitter voltage VCE (V)
Safe Operating Area
Ambient temperature Ta (°C)
PC – Ta
2.0
0
1.6
0.8
0.4
0
1.0
3.0
Common emitter
VCE = 2 V
2.0
1.2
−25
Ta
= 100°C
0.5
1.5
2.5
25
(1)
0
160
100
140
40
80
0
0.6
0.2
0.8
0.4
1.4
20
(1) Mounted on a ceramic substrate
(250 mm
2
× 0.8 t)
(2) No heat sink
(2)
1.0
60
120
1.2
0.1
10
1
0.3
1
10
3
0.01
30
0.005
0.03
IC max (pulse)*
IC max
(continuous)
*100 ms
*10 ms
*t
= 1 ms
0.1
3
0.3
100
*:
Single nonrepetitive pulse
Ta
= 25°C
**: Mounted on a ceramic substrate
Curves must be derated linearly
with increase in temperature
**: DC operation
Ta
= 25°C
40
× 50 × 0.8 t
**: DC operation
Ta
= 25°C
250 mm
2 × 0.8 t
**: DC operation
Ta
= 25°C
VCEO
max



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com